Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8035546 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8035546
Description  Pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8035546 Datasheet(HTML) 1 Page - Festo Corporation.

  8035546 Datasheet HTML 1Page - Festo Corporation. 8035546 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure sensor
SPAN-V1R-G18M-PN-PN-L1
Part number: 8035546
Data sheet
Feature
Value
Type code
SPAN
Electrical connection 1, connection technology
Connection diagram L1J
Electrical connection for input 1, connection pattern
00995428
KC characters
KC EMC
Electrical connection 1, connection type
Plug
Electrical connection 1, number of pins/wires
4
Pressure measuring range initial value
0 MPa
Pressure measuring range end value
-14.5 psi
Overload pressure
0.5 MPa
Overload pressure
5 bar
Pressure measuring range end value
-0.1 MPa
Overload pressure
72.5 psi
Pressure measuring range initial value
0 psi
Symbol
00995686
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Certificate issuing authority
UL E322346
Note on materials
RoHS-compliant
Measured variable
Relative pressure
Method of measurement
Piezoresistive pressure sensor
Pressure measuring range initial value
0 bar
Pressure measuring range end value
-1 bar
Max. overload pressure
5 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Accuracy in ± % FS
1.5 %FS
Repetition accuracy in ± %FS
0.3 %FS
Temperature co-efficient in ± %FS/K
0.05 %FS/K
Switching output
2 x PNP or 2 x NPN switchable
Switching function
Window comparator
Threshold value comparator
Auto difference monitoring
5/18/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8035546

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
803554 ALPHAWIRE-803554 Datasheet
388Kb / 4P
RoHS-Compliant Commencing With 7/1/2005 Production
logo
Festo Corporation.
8035540 FESTO-8035540 Datasheet
104Kb / 2P
Pressure sensor
8035541 FESTO-8035541 Datasheet
103Kb / 2P
Pressure sensor
8035542 FESTO-8035542 Datasheet
103Kb / 2P
Pressure sensor
8035543 FESTO-8035543 Datasheet
103Kb / 2P
Pressure sensor
More results

Similar Description - 8035546

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com