Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8035549 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8035549
Description  Pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8035549 Datasheet(HTML) 2 Page - Festo Corporation.

  8035549 Datasheet HTML 1Page - Festo Corporation. 8035549 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Switching element function
N/C contact/N/O contact switchable
Max. output current
100 mA
Short-circuit protection
yes
DC operating voltage range
15 V ... 30 V
Reverse polarity protection
for all electrical connections
Type of mounting
Front panel mounting
With thread
With wall/surface bracket
Mounting position
Any
Pneumatic connection
External thread R1/8
Internal thread M5
Product weight
46 g
Housing material
PA-reinforced
Materials in contact with the media
FPM
Brass, nickel-plated
NBR
PA-reinforced
Display type
Illuminated LCD
Displayable unit(s)
MPa
bar
inchH2O
inchHg
kPa
kgf/cm²
mbar
mmHg
psi
Setting options
Teach-in
Via display and pushbuttons
Protection against tampering
PIN code
Setting range threshold value
0 % ... 100 %
Setting range hysteresis
0 % ... 90 %
Degree of protection
IP40
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
5/18/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com