Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R251 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79R251
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79R251 Datasheet HTML 17Page - Advanced Micro Devices AM79R251 Datasheet HTML 18Page - Advanced Micro Devices AM79R251 Datasheet HTML 19Page - Advanced Micro Devices AM79R251 Datasheet HTML 20Page - Advanced Micro Devices AM79R251 Datasheet HTML 21Page - Advanced Micro Devices AM79R251 Datasheet HTML 22Page - Advanced Micro Devices AM79R251 Datasheet HTML 23Page - Advanced Micro Devices AM79R251 Datasheet HTML 24Page - Advanced Micro Devices AM79R251 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Am79R251
21
Operating Modes
The Am79R251 receives multiplexed control data on the P1, P2 and P3 pins. The LD pin then
controls the loading of P1, P2, and P3 values into the proper bits in the Am79R251 control register.
When the LD pin is less than 0.3 V below VREF ( < (VREF – 0.3 V) ), P1–P3 must contain data for
relay control bits RD1, RD2 and RD3. These are latched into the first three bits in the Am79R251
control register. When the LD pin is more than 0.3 V above VREF (> (VREF + 0.3 V) ), P1–P3 must
contain ISLIC control data C1, C2, and C3, which are latched into the last three bits of the Am79R251
control register. Connecting the LD pin to VREF locks the contents of the Am79R251 control register.
The operating mode of the Am79R251 is determined by the C1, C2, and C3 bits in the control register
of the Am79R251. Table 1 defines the Am79R251 operating modes set by these signals.
Under normal operating conditions, the ISLIC device does not have active relays. The Am79R251
to ISLAC device interface is designed to allow continuous real-time control of the relay drivers to
avoid incorrect data loads to the relay bit latches of the Am79R251 devices.
To perform external ringing, the ISLAC device from the Intelligent Access voice family is set to
external ringing mode (RMODE = 1), enables the ring relay, and puts the Am79R251 in the Standby
mode.
Table 1.
Operating Modes
Note:
1. In these modes, the ring lead (B-lead) output has a –50 V internal clamp to battery ground (BGND).
C3
C2
C1
Operating
Mode
Battery Voltage
Selection
Operating Mode
Connection
to RMGPi &
RMGLi
Resistors
000
Standby1
High Battery (BATH)
and BGND
(High ohmic feed): Loop
supervision active, A and B
amplifiers shut down
Open
001
Tip Open1
High Battery (BATH)
and BGND
Tip Open: AD at High-Impedance,
Channel A power amplifier shut
down
Open
010
On-Hook
Transmission,
Fixed Longitudinal
Voltage
High Battery (BATH)
and BGND
Fixed longitudinal voltage of –30 V
A and B
Amplifier Output
0
1
1
Disconnect
Low Battery selection
at VBL
AD and BD at High-Impedance,
Channel A and B power amplifiers
shut down
1
0
0
Active Boosted
Battery
High Battery (BATH)
and Positive Battery
(BATP)
Active feed, normal or reverse
polarity
1
0
1
Active High Battery
High Battery (BATH)
and BGND
1
1
0
Active Low Battery
Low Battery (BATL)
and BGND
1
1
1
Active Internal
Ringing
High Battery (BATH)
and Positive Battery
(BATP)
Active internal ringing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com