Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847C Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC847C
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC847C Datasheet(HTML) 2 Page - STMicroelectronics

  BC847C Datasheet HTML 1Page - STMicroelectronics BC847C Datasheet HTML 2Page - STMicroelectronics BC847C Datasheet HTML 3Page - STMicroelectronics BC847C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
• Thermal Resistance Junction-Ambient
Max
500
oC/W
• Device mounted on a PCB area of 1 cm2.
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 30 V
VCB = 30 V
TC = 150
oC
15
5
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
100
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 10
µA
50
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 2 mA
45
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 10
µA
6V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 10 mA
IB = 0.5 mA
IC = 100 mA
IB = 5 mA
0.09
0.2
0.25
0.6
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 10 mA
IB = 0.5 mA
IC = 100 mA
IB = 5 mA
0.7
0.9
V
V
VBE(on)
∗ Base-Emitter On
Voltage
IC = 2 mA
VCE = 5 V
IC = 10 mA
VCE = 5 V
0.58
0.66
0.7
0.77
V
V
hFE
∗
DC Current Gain
IC = 10
µA
VCE = 5 V
for BC847B
for BC847C
IC = 2 mA
VCE = 5 V
for BC847B
for BC847C
200
420
150
270
290
520
450
800
fT
Transition Frequency
IC = 10 mA VCE = 5 V f = 100MHz
100
MHz
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 1 MHz
2.5
pF
NF
Noise Figure
VCE = 5 V
IC = 0.2 mA
f = 1KHz
∆f = 200 Hz RG = 2 KΩ
210
dB
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
BC847B / BC847C
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com