Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CFE9 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CFE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CFE9 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button COP8CFE9 Datasheet HTML 17Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 18Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 19Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 20Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 21Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 22Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 23Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 24Page - National Semiconductor (TI) COP8CFE9 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
5.0 In-System Programming
(Continued)
5.3.2 ISP Read Data Register
The Read Data Register (ISPRD) contains the value read
back from a read operation. This register can be accessed
from either flash program memory or Boot ROM. This regis-
ter is undefined on Reset.
TABLE 7. ISP Read Data Register
ISPRD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
5.3.3 ISP Write Data Register
The Write Data Register (ISPWR) contains the data to be
written into the specified address. This register is undeter-
mined on Reset. This register can be accessed from either
flash program memory or Boot ROM. The Write Data register
must be maintained for the entire duration of the operation.
TABLE 8. ISP Write Data Register
ISPWR
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
5.3.4 ISP Write Timing Register
The Write Timing Register (PGMTIM) is used to control the
width of the timing pulses for write and erase operations. The
value to be written into this register is dependent on the
frequency of CKI and is shown in
Table 9. This register must
be written before any write or erase operation can take
place. It only needs to be loaded once, for each value of CKI
frequency. This register can be loaded from either flash
program memory or Boot ROM and must be maintained for
the entire duration of the operation. The MICROWIRE/PLUS
ISP routine that is resident in the boot ROM requires that this
Register be defined prior to any access to the Flash memory.
Refer to
5.7 MICROWIRE/PLUS ISP for more information on
available ISP commands. On Reset, the PGMTIM register is
loaded with the value that corresponds to 10 MHz frequency
for CKI.
TABLE 9. PGMTIM Register Format
PGMTIM
Register Bit
CKI Frequency Range
7
654
32
1
0
0
0
0
0
0
0
0
1
25 kHz–33.3 kHz
0
0
0
0
0
0
1
0
37.5 kHz–50 kHz
0
0
0
0
0
0
1
1
50 kHz–66.67 kHz
0
0
0
0
0
1
0
0
62.5 kHz–83.3 kHz
0
0
0
0
0
1
0
1
75 kHz–100 kHz
0
0
0
0
0
1
1
1
100 kHz–133 kHz
0
0
0
0
1
0
0
0
112.5 kHz–150 kHz
0
0
0
0
1
0
1
1
150 kHz–200 kHz
0
0
0
0
1
1
1
1
200 kHz–266.67 kHz
0
0
0
1
0
0
0
1
225 kHz–300 kHz
0
0
0
1
0
1
1
1
300 kHz–400 kHz
0
0
0
1
1
1
0
1
375 kHz–500 kHz
0
0
1
0
0
1
1
1
500 kHz–666.67 kHz
0
0
1
0
1
1
1
1
600 kHz–800 kHz
0
0
1
1
1
1
1
1
800 kHz–1.067 MHz
0
1
0
0
0
1
1
1
1 MHz–1.33 MHz
0
1
0
0
1
0
0
0
1.125 MHz–1.5 MHz
0
1
0
0
1
0
1
1
1.5 MHz–2 MHz
0
1
0
0
1
1
1
1
2 MHz–2.67 MHz
0
1
0
1
0
1
0
0
2.625 MHz–3.5 MHz
0
1
0
1
1
0
1
1
3.5 MHz–4.67 MHz
0
1
1
0
0
0
1
1
4.5 MHz–6 MHz
0
1
1
0
1
1
1
1
6 MHz–8 MHz
0
1
1
1
1
0
1
1
7.5 MHz–10 MHz
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com