Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETRSMIT Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRSMIT
Description  GENERAL CONTROL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRSMIT Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRSMIT Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRSMIT Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRSMIT Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
GENERAL CONTROL RELAY
ETR SMIT SERIES
▓FEATURES
10A slim type relay for various applications.
6mm insulation distance with Surge Strength 7,000V.
Double Insulation construction for high reliability.
UL Class F insulation available.
TV-5 120VAC certified.
Halogen Free series available.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @1A,6VDC
Contact
Capacity
SMIT
(DMR/LMR)
10 Amps at 250VAC Cosφ=1
10 Amps at 30VDC L/R=0
TV-5 120VAC
Operate Time
15m Sec. Max.
Release Time
10m Sec. Max.
Dielectric Strength
Between coil & Contact: 4000VAC at 50/60Hz for one minute
Between Contacts: 900VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
℃
℃
℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
3
176.5
17
5
106.4
47
6
88
68
9
58
155
12
44.4
270
24
21.8
1,100
SMIT-
DMR
48
11
4,400
Abt. 0.54
80% Max.
5% Min.
120%


Similar Part No. - ETRSMIT

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRSF ECE-ETRSF Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-105DMFZ ECE-ETRSF-105DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-106DMFZ ECE-ETRSF-106DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-109DMFZ ECE-ETRSF-109DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-1100DMFZ ECE-ETRSF-1100DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
More results

Similar Description - ETRSMIT

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRMI-2P ECE-ETRMI-2P Datasheet
98Kb / 3P
GENERAL CONTROL RELAY
ETRMIT ECE-ETRMIT Datasheet
174Kb / 2P
GENERAL CONTROL RELAY
ETRRW ECE-ETRRW Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRGSZ ECE-ETRGSZ Datasheet
90Kb / 2P
GENERAL CONTROL RELAY
ETRJE ECE-ETRJE Datasheet
91Kb / 2P
GENERAL CONTROL RELAY
ETRJMT ECE-ETRJMT Datasheet
98Kb / 2P
GENERAL CONTROL RELAY
ETREMI-1P ECE-ETREMI-1P Datasheet
94Kb / 3P
GENERAL CONTROL RELAY
ETREMI-2P ECE-ETREMI-2P Datasheet
147Kb / 3P
GENERAL CONTROL RELAY
ETREML ECE-ETREML Datasheet
88Kb / 2P
GENERAL CONTROL RELAY
ETREMR ECE-ETREMR Datasheet
102Kb / 3P
GENERAL CONTROL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com