Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1T5-5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS1T5-5
Description  1W DC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T5-5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS1T5-5 Datasheet HTML 1Page - STMicroelectronics GS1T5-5 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1T5-5
1W DC-DC CONVERTER
June 1994
1/2
Type
Vi
Vo
Io
GS1T5-5
5 V
5 V
250 mA
DESCRIPTION
The GS1T5-5 is a 1W DC-DC converter designed
to provide an isolated 5V/250mA power source.
The module operates from a 5V input source and it
offers 2500VDC isolation.
ELECTRICAL CHARACTERISTICS (Tamb.= 25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 5V
Io = 0 to 250mA
4.50
5
5.50
V
Iir
Input Reflected
Current
Vi = 5V
Io = 0 to 250mA
Vo = 5V
15
30
mApp
Vo
Output Voltage
Vi = 4.5 to 5.5V
Io = 0 to 250mA
4.75
5
5.25
V
Io
Output Current*
Vi = 4.5 to 5.5V
Vo = 5V
0
250
mA
δVOL
Line Regulation
Vi = 4.5 to 5.5V
Io = 250mA
5
mV
δVOO
Load Regulation
Vi = 5V
Io = 20 to 250mA
5
mV
Vor
Output Ripple
Voltage
Vi = 5V
Io = 40 to 250mA
Vo = 5V
60
80
mVpp
Vis
Isolation Voltage
Input to Output
2500
VDC
η
Efficiency
Vi = 5V
Io = 250mA
Vo = 5V
70
73
%
Top
Operating Ambient
Temperature Range
– 25
+75
°C
Tstg
Storage Temperature
Range
– 40
+85
°C
* Note: when output current is less than 20mA, output ripple voltage increases due to discontinuous operation.


Similar Part No. - GS1T5-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T5-5D15 STMICROELECTRONICS-GS1T5-5D15 Datasheet
39Kb / 2P
1 W TRIPLE OUTPUT DC-DC CONVERTER
Jun-1994
More results

Similar Description - GS1T5-5

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
logo
Minmax Technology Co., ...
MFPU01H MINMAX-MFPU01H Datasheet
746Kb / 3P
DC/DC CONVERTER 1W
MFU100 MINMAX-MFU100_15 Datasheet
600Kb / 4P
DC/DC CONVERTER 1W
logo
Bothhand USA, LP.
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
1W Isolated DC/DC Converter
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
1W Isolated DC/DC Converter
logo
Minmax Technology Co., ...
MAU01M MINMAX-MAU01M Datasheet
404Kb / 3P
DC-DC CONVERTER 1W
MSCU01M MINMAX-MSCU01M Datasheet
711Kb / 5P
DC/DC CONVERTER 1W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com