Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15TS-56-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 15TS-56-R
Description  Dual Channel Input/Output Isolators 15-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

15TS-56-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  15TS-56-R Datasheet HTML 1Page - M-System Co.,Ltd. 15TS-56-R Datasheet HTML 2Page - M-System Co.,Ltd. 15TS-56-R Datasheet HTML 3Page - M-System Co.,Ltd. 15TS-56-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: 15TS
15TS SPECIFICATIONS
ES-0612 Rev.8 Page 3/4
http://www.m-system.co.jp/
DIMENSIONS unit: mm (inch)
130 (5.12)
3 (.12)
50 (1.97)
2–4.3 (.17) dia.
MTG HOLE
TERMINAL COVER
6–M3.5 SCREW
8 (.31)
25 (.98)
1
2
5
6
7
8
TERMINAL ASSIGNMENTS
1
2
5
6
7
8
CJC SENSOR
(model: CJM)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
Output
Driver
S
Z
POWER
Ch.2 OUTPUT
Ch.1 OUTPUT
Low Drift
Amplifier
Burnout
Protection
+
–
T / C
CJC
SENSOR
metal leg
comp. leadwire
1
2
+
–
Linearizer
CJC Sensing
Volt. Generator
model: CJM
+
–
T / C
CJC
SENSOR
metal leg
comp. leadwire
5
8
7
6
+
–
model: CJM
*
Isolation
Output
Driver
S
Z
Low Drift
Amplifier
Burnout
Protection
Linearizer
CJC Sensing
Volt. Generator
*
*Deleted with B thermocouple



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com