Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17AC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 17AC
Description  Rack-mounted Power Transducers 17-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17AC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  17AC Datasheet HTML 1Page - M-System Co.,Ltd. 17AC Datasheet HTML 2Page - M-System Co.,Ltd. 17AC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 17AC
http://www.m-system.co.jp/
17AC SPECIFICATIONS
ES-2936 Rev.0 Page 1/3
Rack-mounted Power Transducers 17-RACK
AC CONVERTER
Functions & Features
• Converting an alternating current/voltage into a standard
process signal
• True RMS sensing
Typical Applications
• Converting a large AC current in combination with a shunt
resistor, or a narrow span AC voltage
MODEL: 17AC–[1]6-R
ORDERING INFORMATION
• Code number: 17AC-[1]6-R
Specify a code from below for [1].
(e.g. 17AC-A16-R)
• Special input range (For codes AZ & A8)
[1] INPUT
Current
AA: 0 – 10 mA AC (Input resistance 100 Ω)
AB: 0 – 50 mA AC (Input resistance 20 Ω)
AC: 0 – 100 mA AC (Input resistance 10 Ω)
AD: 0 – 500 mA AC (Input resistance 1 Ω)
AZ: Specify current (See INPUT SPECIFICATIONS)
(0 % input must be 0 mA.)
Voltage
A1: 0 – 100 mV AC (Input resistance 200 kΩ min.)
A2: 0 – 500 mV AC (Input resistance 200 kΩ min.)
A3: 0 – 1 V AC (Input resistance 200 kΩ min.)
A4: 0 – 5 V AC (Input resistance 200 kΩ min.)
A5: 0 – 10 V AC (Input resistance 200 kΩ min.)
A6: 0 – 120 V AC (Input resistance 200 kΩ min.)
A7: 0 – 150 V AC (Input resistance 200 kΩ min.)
A8: Specify voltage (See INPUT SPECIFICATIONS)
(0 % input must be 0 V.)
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection:
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Input waveform: Up to 15 % of 3rd harmonic content
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 40 Hz min., 1 kHz max.
■ AC Current: 0 – 1 A AC; input resistor incorporated
Minimum span: 1 mA
Input resistance
Span 1 mA: 1 kΩ
Span ≤ 2 mA: 500 Ω
Span ≤ 5 mA: 200 Ω
Span ≤ 10 mA: 100 Ω
Span ≤ 20 mA: 50 Ω
Span ≤ 50 mA: 20 Ω
Span ≤ 100 mA: 10 Ω
Span ≤ 500 mA: 1 Ω
Span ≤ 1 A: 0.5 Ω
■ AC Voltage: 0 – 250 V AC
Minimum span: 50 mV
Input resistance: 200 kΩ min.
INSTALLATION
Current consumption: Approx. 35 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 150 g (0.33 lb)


Similar Part No. - 17AC

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
17AC1-T HONEYWELL-ACC-17AC1-T Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
17AC18-T HONEYWELL-ACC-17AC18-T Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
17AC18T HONEYWELL-17AC18T Datasheet
116Kb / 2P
Interactive Catalog Replaces Catalog Pages
17AC18T HONEYWELL-17AC18T Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
17AC18T HONEYWELL-17AC18T Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 17AC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MS MSYSTEM-17MS Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17PE MSYSTEM-17PE Datasheet
89Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
Rack-mounted Power Transducers 17-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com