Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15TS-86-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 15TS-86-R
Description  Dual Channel Input/Output Isolators 15-RACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

15TS-86-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  15TS-86-R Datasheet HTML 1Page - M-System Co.,Ltd. 15TS-86-R Datasheet HTML 2Page - M-System Co.,Ltd. 15TS-86-R Datasheet HTML 3Page - M-System Co.,Ltd. 15TS-86-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: 15TS
15TS SPECIFICATIONS
ES-0612 Rev.8 Page 2/4
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input: Thermocouples
Input resistance: 10kΩ minimum
Burnout sensing: 0.1 μA
Temperature range
T/C
TEMPERATURE RANGE (°C)
ACCURACY
0 – 700 (300 – 700)
0 – 800 (300 – 800)
0 – 1000 (400 – 1000)
±0.5%
(PR)
0 – 1400 (600 – 1400)
0 – 1600 (600 – 1600)
400 – 1000
400 – 1400
500 – 1500
600 – 1600
±0.5%
700 – 1400
800 – 1600
900 – 1400
T/C
TEMPERATURE ACCU-
T/C
TEMPERATURE ACCU-
RANGE (°C)
RACY
RANGE (°C)
RACY
0 – 100
0 – 100
0 – 150
0 – 150
0 – 200
0 – 200
0 – 300
0 – 250
0 – 400
0 – 300
0 – 500
0 – 350
0 – 600
0 – 400
0 – 800
0 – 500
0 – 1000
E
0 – 600
±0.5%
0 – 1100
(CRC)
0 – 700
100 – 300
0 – 800
100 – 500
100 – 300
K
200 – 500
±0.3%
200 – 1000
200 – 500
300 – 600
300 – 500
400 – 1000
500 – 800
0 – 100
500 – 1000
0 – 150
500 – 1200
0 – 200
600 – 1000
0 – 250
600 – 1200
0 – 300
700 – 1000
0 – 350
700 – 1200
0 – 400
J
0 – 500
±0.2%
-50 – +150
(IC)
0 – 600
0 – 100
50 – 200
0 – 200
100 – 300
T
0 – 250
±0.6%
100 – 500
(CC)
0 – 300
200 – 400
50 – 150
200 – 500
100 – 200
300 – 500
100 – 300
300 – 600
300 – 700
Note 1: For R & S thermocouple, the accuracy described
in the table is assured only within the ranges in parenthe-
ses. The accuracy is otherwise approx. 3%.
Note 2: Contact factory or M-System representatives for
other thermocouples and ranges including °F description.
INSTALLATION
Current consumption: Approx. 50 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 15BX
Weight: 180 g (0.40 lb)
PERFORMANCE in percentage of span
Accuracy: Refer to "Temperature range" table
Cold junction compensation error: (at 20°C ±10°C or 68°F
±18°F)
K, E, J & T: ±0.5°C or ±0.9°F
S, R & PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
(at over 400°C or 750°F for R, S and PR)
Response time: ≤ 0.5 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input to output or
power)
500 V AC @ 1 minute (ch.1 to ch.2 input)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com