Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17BXE-UT-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 17BXE-UT-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17BXE-UT-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  17BXE-UT-R Datasheet HTML 1Page - M-System Co.,Ltd. 17BXE-UT-R Datasheet HTML 2Page - M-System Co.,Ltd. 17BXE-UT-R Datasheet HTML 3Page - M-System Co.,Ltd. 17BXE-UT-R Datasheet HTML 4Page - M-System Co.,Ltd. 17BXE-UT-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 17BXE
http://www.m-system.co.jp/
17BXE SPECIFICATIONS
ES-2906 Rev.0 Page 4/5
8.2 (.32)
435 (17.13)
●
RACK (standard)
■
Output terminal block
*Not provided for 24V DC power.
1
3
15
2
14
16
●
SURFACE (option /W)
465 (18.31)
480 (18.90)
3–M4 POWER
TERMINAL
1
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
2
3
POWER UNIT*
15
14
16
A1 B1 A3 B3 A5 B5 A7 B7
A9 B9 A11 B11 A13 B13 A15 B15
A2 B2 A4 B4 A6 B6 A8 B8
A10 B10 A12 B12 A14 B14 A16 B16
32–M3.5 OUTPUT
TERMINAL
OUTPUT CONNECTOR
Location
Output connector
: FCN40-pin connector
CN1:
(Fujitsu FCN-364P040-AU)
output
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A 1
ch. 1 +
B 1
ch. 1 –
A 2
ch. 2 +
B 2
ch. 2 –
A 3
ch. 3 +
B 3
ch. 3 –
A 4
ch. 4 +
B 4
ch. 4 –
A 5
ch. 5 +
B 5
ch. 5 –
A 6
ch. 6 +
B 6
ch. 6 –
A 7
ch. 7 +
B 7
ch. 7 –
A 8
ch. 8 +
B 8
ch. 8 –
A 9
ch. 9 +
B 9
ch. 9 –
A10
ch.10 +
B10
ch.10 –
A11
ch.11 +
B11
ch.11 –
A12
ch.12 +
B12
ch.12 –
A13
ch.13 +
B13
ch.13 –
A14
ch.14 +
B14
ch.14 –
A15
ch.15 +
B15
ch.15 –
A16
ch.16 +
B16
ch.16 –
A17 – A20, B17 – B20: Unused



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com