Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17MS-6-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 17MS-6-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17MS-6-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  17MS-6-R Datasheet HTML 1Page - M-System Co.,Ltd. 17MS-6-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 17MS
http://www.m-system.co.jp/
17MS SPECIFICATIONS
ES-2916 Rev.0 Page 1/2
Rack-mounted Power Transducers 17-RACK
POTENTIOMETER CONVERTER
Functions & Features
• Providing a DC output proportional to a potentiometer or
slidewire position input
• 50 % zero/span adjustments with minimal interaction
Typical Applications
• Tank levels
• Positions
MODEL: 17MS–6–R
ORDERING INFORMATION
• Code number: 17MS-6-R
INPUT POTENTIOMETER
Total resistance 100 Ω – 10 kΩ
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection:
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Zero adjustment: 0 – 50 % of total resistance (front)
Span adjustment: 50 – 100 % of total resistance (front)
INPUT SPECIFICATIONS
Minimum span: 50 % of total resistance
Excitation: Approx. 0.2 V DC
INSTALLATION
Current consumption: Approx. 35 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power)
500 V AC @ 1 minute (outut to power)
1500 V AC @ 1 minute (input or output or power to ground)


Similar Part No. - 17MS-6-R

ManufacturerPart #DatasheetDescription
logo
Mclennan Servo Supplie...
17MSM026007-S MCLENNAN-17MSM026007-S Datasheet
2Mb / 3P
17MSM - NEMA 17 stepper motor, higher torque, 2 phase, 1.8°
17MSM026010-D MCLENNAN-17MSM026010-D Datasheet
2Mb / 3P
17MSM - NEMA 17 stepper motor, higher torque, 2 phase, 1.8°
17MSM026010-S MCLENNAN-17MSM026010-S Datasheet
2Mb / 3P
17MSM - NEMA 17 stepper motor, higher torque, 2 phase, 1.8°
17MSM040020-D MCLENNAN-17MSM040020-D Datasheet
2Mb / 3P
17MSM - NEMA 17 stepper motor, higher torque, 2 phase, 1.8°
17MSM040020-S MCLENNAN-17MSM040020-S Datasheet
2Mb / 3P
17MSM - NEMA 17 stepper motor, higher torque, 2 phase, 1.8°
More results

Similar Description - 17MS-6-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
Rack-mounted Power Transducers 17-RACK
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17PE MSYSTEM-17PE Datasheet
89Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
Rack-mounted Power Transducers 17-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com