Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17PA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 17PA
Description  Rack-mounted Power Transducers 17-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17PA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  17PA Datasheet HTML 1Page - M-System Co.,Ltd. 17PA Datasheet HTML 2Page - M-System Co.,Ltd. 17PA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 17PA
http://www.m-system.co.jp/
17PA SPECIFICATIONS
ES-2969 Rev.0 Page 2/3
OUTPUT SPECIFICATIONS
3
OUT
5V
1
3
OUT
5V
1
0
60°
(Lead)
60°
(Lag)
0
60°
(Lead)
60°
(Lag)
■ OPERATION DIAGRAM (example)
• Negative in lag, positive in lead
• Negative in lead, positive in lag
Remark: When there is no input voltage or 5% or less of
rated input current , the output may become unstable (hunting).
INSTALLATION
Auxiliary power supply
Current consumption: Approx. 40 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±2 % with balanced load
(at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz)
Response time: ≤ 2 sec. (0 – 100 % ±1 %)
Ripple: 1 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (output to
auxiliary power)
2000 V AC @ 1 minute (voltage input to current input to
output or auxiliary power)
1500 V AC @1 minute (voltage input or current input or
output or auxiliary power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com