Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM9409CS Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # TSM9409CS
Description  P-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

TSM9409CS Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  TSM9409CS Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. TSM9409CS Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. TSM9409CS Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. TSM9409CS Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
This P-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=-60V,ID=-3.2A,RDS(ON)<105mΩ@VGS=-10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-TC=25℃
-3.2
A
Continuous Drain Current-TC=100℃
-2.56
Pulsed Drain Current
1
-12.8
EAS
Single Pulse Avalanche Energy
25
mJ
PD
Power Dissipation
2.02
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
23
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
62
G
D
D
D
D
S1
S
S
TSM 9409CS


Similar Part No. - TSM9409CS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM9409CS VBSEMI-TSM9409CS Datasheet
1Mb / 9P
P-Channel 60 V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM9409CSRF TSC-TSM9409CSRF Datasheet
356Kb / 6P
60V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM9409CSRL VBSEMI-TSM9409CSRL Datasheet
1Mb / 9P
P-Channel 60 V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM9409CSRLG TSC-TSM9409CSRLG Datasheet
213Kb / 6P
60V P-Channel MOSFET
More results

Similar Description - TSM9409CS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AO4771 DOINGTER-AO4771 Datasheet
1Mb / 6P
P-Channel MOSFET uses advanced trench technology
AOI409 DOINGTER-AOI409 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
AP3801GM-HF DOINGTER-AP3801GM-HF Datasheet
935Kb / 5P
P-Channel MOSFET uses advanced trench technology
AP9561AGM-HF DOINGTER-AP9561AGM-HF Datasheet
537Kb / 4P
P-Channel MOSFET uses advanced trench technology
CEM4311 DOINGTER-CEM4311 Datasheet
1Mb / 6P
P-Channel MOSFET uses advanced trench technology
CJQ4435 DOINGTER-CJQ4435 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
STJ009 DOINGTER-STJ009 Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
MTB040P04Q8 DOINGTER-MTB040P04Q8 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
PE9435 DOINGTER-PE9435 Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
QM3005S DOINGTER-QM3005S Datasheet
1Mb / 5P
P-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com