Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17HZ-326-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 17HZ-326-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17HZ-326-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  17HZ-326-R Datasheet HTML 1Page - M-System Co.,Ltd. 17HZ-326-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 17HZ
http://www.m-system.co.jp/
17HZ SPECIFICATIONS
ES-2970 Rev.0 Page 1/2
Rack-mounted Power Transducers 17-RACK
FREQUENCY TRANSDUCER
Functions & Features
• Providing a DC output signal in proportion to deviation (±5
or 10 Hz) from center frequency (50 Hz, 60Hz or 55 Hz)
• DC output containing little ripple is ideal for computer
input
Typical Applications
• Centralized monitoring and control of power management
system in manufacturing facility or building
• Measuring frequency for UPS
MODEL: 17HZ–[1][2]6–R
ORDERING INFORMATION
• Code number: 17HZ-[1][2]6-R
Specify a code from below for each [1] and [2].
(e.g. 17HZ-316-R)
[1] FREQUENCY
1: 45 – 55 Hz
2: 55 – 65 Hz
3: 45 – 65 Hz
[2] INPUT
1: 110 V AC
2: 220 V AC
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
AUXILIARY POWER SUPPLY
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Connector
Auxiliary power: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to auxiliary power
Computation: One-shot
Overrange output: Approx. -10 to +120 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Input burden: 1 VA
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
Operational range: 85 – 120 % of rating
OUTPUT SPECIFICATIONS
55
65Hz
45
• Operation Diagram (example)
5V
OUT
IN
3
1
Remark: When there is no input voltage,
the transducer outputs as negative (–) overrange.
INSTALLATION
Auxiliary power supply
Current consumption: Approx. 40 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±1 % (at 23°C ±10°C or 73.4°F ±18°F)
Response time: ≤ 1 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (output to
auxiliary power)
2000 V AC @ 1 minute (input to output or auxiliary power)


Similar Part No. - 17HZ-326-R

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
17H2A MOTIONKING-17H2A Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A2406 MOTIONKING-17H2A2406 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3404 MOTIONKING-17H2A3404 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3413 MOTIONKING-17H2A3413 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
17H2A3417 MOTIONKING-17H2A3417 Datasheet
85Kb / 1P
2 Phase Hybrid Stepper Motor
More results

Similar Description - 17HZ-326-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
Rack-mounted Power Transducers 17-RACK
17BXE MSYSTEM-17BXE Datasheet
144Kb / 5P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MS MSYSTEM-17MS Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17PE MSYSTEM-17PE Datasheet
89Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
Rack-mounted Power Transducers 17-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com