Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRPPB-KNJR-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WRPPB-KNJR-R
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPPB-KNJR-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WRPPB-KNJR-R Datasheet HTML 1Page - M-System Co.,Ltd. WRPPB-KNJR-R Datasheet HTML 2Page - M-System Co.,Ltd. WRPPB-KNJR-R Datasheet HTML 3Page - M-System Co.,Ltd. WRPPB-KNJR-R Datasheet HTML 4Page - M-System Co.,Ltd. WRPPB-KNJR-R Datasheet HTML 5Page - M-System Co.,Ltd. WRPPB-KNJR-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: WRPPB
WRPPB SPECIFICATIONS
ES-2223 Rev.3 Page 1/6
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
ENCODER SIGNAL DISTRIBUTOR
(rotary encoder use, BNC connection)
Functions & Features
• Isolating two phase pulse input signals from a rotary
encoder and distributing them to two outputs (input
frequency = output frequency)
• Various outputs (open collector, voltage pulse, RS-422 line
driver pulse)
• Can be used as a pulse isolator of two different I/O specs
• Converting RS-422 line driver pulse into an open collector
pulse
• Maximum frequency of 1 MHz
• BNC connector
• Characteristic impedance 50Ω and 75Ω available
50 (1.97)
123 (4.84)
80 (3.15)
mm (inch)
MODEL: WRPPB–[1][2][3][4]-[5][6]
ORDERING INFORMATION
• Code number: WRPPB-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. WRPPB-A1K5K5N-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
A1: Dry contact
K: 3.3 V pulse, input impedance approx. 8 kΩ 100 pF
K5: 3.3 V pulse, input impedance 50 Ω
K7: 3.3 V pulse, input impedance 75 Ω
C: 5 V pulse, input impedance approx. 14 kΩ 100 pF
C5: 5 V pulse, input impedance 50 Ω
C7: 5 V pulse, input impedance 75 Ω
D: 12 V/24 V pulse
J: RS-422 line driver pulse
[2] OUTPUT 1
A: Open collector
K5: 3.3 V pulse, output impedance 50 Ω
K7: 3.3 V pulse, output impedance 75 Ω
M5: 5 V pulse, output impedance 50 Ω
M7: 5 V pulse, output impedance 75 Ω
Q7: 10 V pulse, output impedance 50 Ω
N: 12 V pulse, load resistance 600 Ω
J: RS-422 line driver pulse
[3] OUTPUT 2
Same range availability as Output 1
(Q7 not selectable)
[4] OUTPUT LOGIC (both Input 1 & 2)
N: The same as the input
R: Inverted
[5] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
I/O: BNC connectors
(Recommended connector manufacturer: Hirose)
Power input: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)


Similar Part No. - WRPPB-KNJR-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WRPP MSYSTEM-WRPP Datasheet
130Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPP-A1AA-M2 MSYSTEM-WRPP-A1AA-M2 Datasheet
130Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPP-A1AA-M2/Q MSYSTEM-WRPP-A1AA-M2/Q Datasheet
130Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPP-A1AA-P MSYSTEM-WRPP-A1AA-P Datasheet
130Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPP-A1AA-P/Q MSYSTEM-WRPP-A1AA-P/Q Datasheet
130Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WRPPB-KNJR-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS2 MSYSTEM-WRS2 Datasheet
104Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJFT MSYSTEM-WJFT Datasheet
194Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com