Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRPPB-M7JJR-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WRPPB-M7JJR-R
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPPB-M7JJR-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WRPPB-M7JJR-R Datasheet HTML 1Page - M-System Co.,Ltd. WRPPB-M7JJR-R Datasheet HTML 2Page - M-System Co.,Ltd. WRPPB-M7JJR-R Datasheet HTML 3Page - M-System Co.,Ltd. WRPPB-M7JJR-R Datasheet HTML 4Page - M-System Co.,Ltd. WRPPB-M7JJR-R Datasheet HTML 5Page - M-System Co.,Ltd. WRPPB-M7JJR-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: WRPPB
WRPPB SPECIFICATIONS
ES-2223 Rev.3 Page 2/6
http://www.m-system.co.jp/
Isolation: Input to output 1 to output 2 to power
Input pulse sensing: DC coupled
INPUT SPECIFICATIONS
■ Dry Contact
Max. frequency: 100 kHz
Min. pulse width: ≥ 5 μs
Input requirements
Sensing: 5 V DC / 10 mA
Detecting level:
OFF: ≥ 3.0 V / ≥ 750 Ω
ON: ≤ 2.0 V / ≤ 333 Ω
Sensing voltage/current shows the excitation supply to the
input terminal and the current value at the time of
shortcircuit.
Detecting level shows the threshold used to determine ON
or OFF status of the pulses and the resistance values of the
dry contact of that time.
■ Voltage Pulse
Waveform: Square or sine
•3.3 V Pulse
Max. frequency: 1 MHz
Min. pulse width: ≥ 0.5 μs
Input impedance: Approx. 8 kΩ 100 pF
Max. voltage between terminals (pulse): -10 – +15 V
Max. voltage between terminals (DC): -5 – +10 V DC
Detecting level: VH ≥ 2.0 V, VL ≤ 1.3 V
Input impedance: Approx. 50 Ω, 75 Ω
Max. voltage between terminals (pulse): -7 – +7.5 V
Max. voltage between terminals (DC): -5 – +10 V DC
Detecting level: VH ≥ 1.5 V, VL ≤ 0.75 V
•5 V Pulse
Max. frequency: 500 kHz
Min. pulse width: ≥ 1 μs
Input impedance: Approx. 14 kΩ 100 pF
Max. voltage between terminals (pulse): -10 – +15 V
Max. voltage between terminals (DC): -5 – +10 V DC
Detecting level: VH ≥ 3.0 V, VL ≤ 2.0 V
Input impedance: Approx. 50 Ω, 75 Ω
Max. voltage between terminals (pulse): -7 – +10 V
Max. voltage between terminals (DC): -5 – +7.5 V DC
Detecting level: VH ≥ 2.4 V, VL ≤ 1.2 V
•12 V, 24 V Pulse
Max. frequency: 100 kHz
Min. pulse width: ≥ 5 μs
Input impedance: Approx. 20 kΩ
Max. voltage between terminals (pulse): -30 – +50 V
Max. voltage between terminals (DC): -30 – +50 V DC
Detecting level: VH ≥ 7.0 V, VL ≤ 5.0 V
■ RS-422 Line Driver Pulse
Maximum frequency: 1 MHz
Receiver: Conforms to RS-422
OUTPUT SPECIFICATIONS
■ Open collector
Max. frequency: 100 kHz
Rating: 50 V DC @ 100 mA
Saturation voltage: 0.12 V DC
■ Voltage Pulse (open voltage):
Rating (3.3, 5, 10 or 12 V) ±20 %
Max. frequency ; Load resistance (the lower value of either
this or the maximum frequency of the input signal)
3.3 V 1 MHz / Output code K5: 50 Ω, K7: 75Ω
5 V 500 kHz / Output code M5: 50 Ω, M7: 75Ω
10 V 200 kHz / 75Ω
12 V 100 kHz / 600 Ω
(≥ 6 V @ 600 Ω load)
Low level: ≤ 0.5 V
■ RS-422 Line Driver Pulse: Conforms to RS-422
Max. frequency: 1 MHz
Output current: ±20 mA
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 240 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 260 g (0.57 lb)
PERFORMANCE
Response time
•Lower value of I/O max. frequency is 1 MHz:
0.15 - 0.5 μsec.
•Lower value of I/O max. frequency is 500 kHz:
0.2 - 1.2μs
•Lower value of I/O max. frequency is less than 500 kHz:
0.2 - 2 μsec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute (input to output 1
to output 2)
2000 V AC @ 1 minute (input or output 1 or output 2 to
power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com