Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP04 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP04
Description  Combustible Gas Detection Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP04 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP04 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP04 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZP04 Combustible Gas Detection Module
Profile
ZP04 adopts plat surfaced semiconductor sensor, which has basic
functions of household gas leak alarm, electric power light,
warm-up light, fault lamp, output signal of alarm lamp; buzzer,
relay, output signal of electromagnetic valve; input signal of
testing button, canceling warm-up button input. This module can
be used for complete device development of household gas leak alarm.
Parameters
Model
ZP04
Detection Gas
Natural gas
Detection Range
1~25%LEL
Type of sensor
Flat surfaced semiconductor type
Response time
< 30s
Resume time
< 30s
Working Voltage
9~12 V
Working Current
< 80mA
Output
To be external connection with 4
LED, 2 buttons,1 buzzer, 1 DC
relay and 1 electromagnetic valve
Accuracy
±3%LEL(under 25℃)
Expected Lifespan
>2 years
Standard Working
Conditions
Temperature: -10~55℃
Humidity:0~95%RH
Storage Conditions
Temperature: -20~70℃
Humidity:20%~95%RH
Dimension
25.4×21.7×22.6mm(L×W×H)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com