Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP06 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # ZP06
Description  Vehicle-Mounted Fuel Gas Leakage Detection Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP06 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP06 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP06 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP06 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP06 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP06 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Zhengzhou Winsen Electronics Technology Co.,Ltd.
www.winsen-sensor.com
TEL:+86-371-67169097 /67169670
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
ZP06 Vehicle-Mounted Fuel Gas Leakage Detection Module
Features
High sensitivity, wide voltage input, strong anti-jamming capability, good stability and shock
resistance
Applications
It is used for complete device development of vehicle-mounted flue gas leak alarm to detect
the flue gas in the vehicle.
Technical Parameters
Profile
ZP06 adopts semiconductor sensor, which is
designed for vehicle-mounted fuel gas leak alarm.
It has the basic functions of vehicle-mounted flue
gas leak alarm: electric power lamp, fault lamp,
alarm lamp, output signal of working state; It can
be installed respectively in the different positions
of the vehicle, reducing the development period
and guaranteeing high accurate detection.
Detection Gas
Natural Gas
Detection range
1~ 25%LEL
Sensor Type
Flat surfaced
semiconductor
Response Time
< 30s
Resume Time
< 30s
Working Voltage
DC 9~32V
Working Current
< 80mA
Output
1 Signal output S
Accuracy
At normal temp. ±3%LEL
Expected Life
>2 years
Working
Environment
Temp. :-40~85℃
Humidity :20%~90%RH
Storage
Environment
Temp. :-20~105℃
Humidity:20%~90%RH
Size
Diameter33mm*17.5mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com