Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8640
Description  42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT8638S
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Adding a resistor divider from VIN to EN programs the
LT8638S to regulate the output only when VIN is above
a desired voltage (see the Block Diagram). Typically, this
threshold, VIN(EN), is used in situations where the input
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit or
latch low under low source voltage conditions. The VIN(EN)
threshold prevents the regulator from operating at source
voltages where the problems might occur. This threshold
can be adjusted by setting the values R3 and R4 such that
they satisfy Equation 10.
VIN(EN) =
R3
R4
+1
⎛
⎝⎜
⎞
⎠⎟
•0.98V
(10)
where the LT8638S will remain off until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching
will not stop until the input falls slightly below VIN(EN).
When operating in Burst Mode operation for light load
currents, the current through the VIN(EN) resistor network
can easily be greater than the supply current consumed
by the LT8638S. Therefore, the VIN(EN) resistors should
be large to minimize their effect on efficiency at low loads.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the
3.4V supply from VIN that powers the drivers and the
internal bias circuitry and must be bypassed to ground
with a minimum of 1μF ceramic capacitor. The INTVCC can
supply enough current for the LT8638S device’s circuitry.
To improve efficiency the internal LDO can also draw cur-
rent from the BIAS pin when the BIAS pin is at 3.1V or
higher. Typically the BIAS pin can be tied to the output of
the LT8638S, or can be tied to an external supply of 3.3V
or above. If BIAS is connected to a supply other than
VOUT, be sure to bypass with a local ceramic capacitor. If
the BIAS pin is below 3.0V, the internal LDO will consume
current from VIN. Applications with high input voltage and
high switching frequency where the internal LDO pulls
current from VIN will increase die temperature because
of the higher power dissipation across the LDO. Do not
connect an external load to the INTVCC pin.
Frequency Compensation
Loop compensation determines the stability and transient
performance, and is provided by the components tied to
the VC pin. Generally, a capacitor (CC) and a resistor (RC)
in series to ground are used. Designing the compensation
network is a bit complicated and the best values depend
on the application. A practical approach is to start with
one of the circuits in this data sheet that is similar to
your application and tune the compensation network to
optimize the performance. LTspice® or LTpowerCAD® sim-
ulations can help in this process. Stability should then be
checked across all operating conditions, including load
current, input voltage and temperature. The LT1375 data
sheet contains a more thorough discussion of loop com-
pensation and describes how to test the stability using a
transient load.
Figure 5 shows an equivalent circuit for the LT8638S
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches, and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current, and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. A
phase lead capacitor (CPL) across the feedback divider can
be used to improve the transient response and is required
to cancel the parasitic pole caused by the feedback node
to ground capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com