Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3604 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3604
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3604 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3604 Datasheet HTML 9Page - Analog Devices LTC3604 Datasheet HTML 10Page - Analog Devices LTC3604 Datasheet HTML 11Page - Analog Devices LTC3604 Datasheet HTML 12Page - Analog Devices LTC3604 Datasheet HTML 13Page - Analog Devices LTC3604 Datasheet HTML 14Page - Analog Devices LTC3604 Datasheet HTML 15Page - Analog Devices LTC3604 Datasheet HTML 16Page - Analog Devices LTC3604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3644/LTC3644-2
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. Recommended Inductors for 1.25A Buck Regulators
PART NUMBER
L (μH)
MAX DCR (mΩ)
MAX IDC (A)
SIZE IN mm (L × W × H)
MANUFACTURER
DFE201612E1R5MP2
1.5
72
3.2
2 × 1.6 × 1.2
Murata
74438356015
1.5
15
5.8
4.1 × 4.1 × 2.1
Wurth Elektronik
IHLP1212BZER2R2M11
2.2
42.9
3.3
3 × 3 × 0.8
Vishay
XAL4020222ME
2.2
35.2
5.6
4 × 4 × 2.1
Coilcraft
XAL4030332ME
3.3
26
5.5
4 × 4 × 3.1
Coilcraft
74438356033
3.3
39.9
3.6
4.1 × 4.1 × 2.1
Wurth Elektronik
IHLP2020CZER4R7M11
4.7
54
5.2
5.2 × 5.2 × 3
Vishay
Table 3. Recommended Inductors for 2.5A Buck Regulators
PART NUMBER
L (μH)
MAX DCR (mΩ)
MAX IDC (A)
SIZE IN mm (L × W × H)
MANUFACTURER
XAL4020102ME
1
13.25
8.7
4 × 4 × 2.1
Coilcraft
74437324010
1
27
5
4.5 × 4.1 × 1.8
Wurth Elektronik
XAL4020152ME
1.5
21.45
7.1
4 × 4 × 2.1
Coilcraft
74438356022
2.2
29
4.7
4.1 × 4.1 × 2.1
Wurth Elektronik
IHLP2020CZER2R2M11
2.2
22.5
5.5
5.2 × 5.2 × 3
Vishay
SPM6530T3R3M
3.3
27
7.3
7.1 × 6.5 × 3
TDK
Table 4. Recommended Inductors for 3.75A Buck Regulators
PART NUMBER
L (μH)
MAX DCR (mΩ)
MAX IDC (A)
SIZE IN mm (L × W × H)
MANUFACTURER
XAL4020601ME
0.6
9.5
10.4
4 × 4 × 2.1
Coilcraft
744383560068
0.68
7.5
9.4
4.1 × 4.1 × 2.1
Wurth Elektronik
XEL4020821ME
0.82
11.8
10.2
4 × 4 × 2.1
Coilcraft
IHLP2020CZER1E0M11
1
10
6.5
5.2 × 5.2 × 3
Vishay
FDV0530H1R0M
1
11.2
8.4
6.2 × 5.8 × 3
Murata
SPM5030T2R2MHZ
2.2
19.3
8.5
5.2 × 5 × 3
TDK
2. The switching current is the sum of the MOSFET
driver and control currents. The power MOSFET driver
current results from switching the gate capacitance of
the power MOSFETs. Each time a power MOSFET gate
is switched from low to high to low again, a packet of
charge dQ moves from VIN to ground. The resulting
dQ/dt is a current out of VIN that is typically much
larger than the DC control bias current. In continuous
mode, IGATECHG = fOSC(QT + QB), where QT and QB are
the gate charges of the internal top and bottom power
MOSFETs and fOSC is the switching frequency. The
power loss is thus:
Switching Loss = IGATECHG • VIN
The gate charge loss is proportional to VIN and fOSC
and thus their effects will be more pronounced at
higher supply voltages and higher frequencies.
3. Other“hidden”lossessuchastransitionlossandcopper
trace and internal load resistances can account for
additional efficiency degradations in the overall power
system. It is very important to include these “system”
level losses in the design of a system. Transition loss
arises from the brief amount of time the top power
MOSFET spends in the saturated region during
switch node transitions. The LTC3644 internal power
devices switch quickly enough that these loses are not
significant compared to other sources. These losses
plus other losses, including diode conduction losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com