Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4643
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 4 Page - Analog Devices

  LTM4643 Datasheet HTML 1Page - Analog Devices LTM4643 Datasheet HTML 2Page - Analog Devices LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM8060
4
Rev. 0
For more information www.analog.com
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss
VOUT = 0.8V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 1V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 1.2V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 1.5V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 1.8V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 2V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 2.5V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 3.3V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
VOUT = 5V, BIAS = 5V, Burst Mode
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
0
1
2
3
4
VOUT = 0.8V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G01
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
0
1
2
3
4
VOUT = 1V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G02
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
0
1
2
3
4
VOUT = 1.2V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G03
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
0
1
2
3
4
VOUT = 1.5V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G04
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
0
1
2
3
4
VOUT = 1.8V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G05
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
0
1
2
3
4
VOUT = 2V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G06
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
0
1
2
3
4
VOUT = 2.5V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G07
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
0
1
2
3
4
VOUT = 3.3V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G08
EFFICIENCY
POWER LOSS
12V
24V
36V
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
0
1
2
3
4
VOUT = 5V, BIAS = 5V, Burst Mode
Efficiency and Power Loss
8060 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com