Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4CC71KB Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4CC71KB
Description  IRG4CC71KB IGBT Die in Wafer Form
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4CC71KB Datasheet(HTML) 1 Page - International Rectifier

  IRG4CC71KB Datasheet HTML 1Page - International Rectifier IRG4CC71KB Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRG4CC71KB
IRG4CC71KB IGBT Die in Wafer Form
11/28/05
Nominal Backmetal Composition, Thickness:
Cr-NiV-Ag ( 1kA-2kA-.2.5kA )
Nominal Front Metal Composition, Thickness:
99% Al, 1% Si (4 microns)
Dimensions:
0.305" x 0.390"
Wafer Diameter:
150mm, with std. < 100 > flat
Wafer thickness:
.015" + / -.003"
Relevant Die Mechanical Dwg. Number01-5271
Minimum Street Width
100 Microns
Reject Ink Dot Size
0.25mm Diameter Minimum
Ink Dot Location
Consistent throughout same wafer lot
Recommended Storage Environment:
Store in original container, in dessicated
nitrogen, with no contamination
Recommended Die Attach Conditions
For optimum electrical results, die attach
temperature should not exceed 300C
Mechanical Data
Die Outline
Reference Standard IR packaged part ( for design ) : IRG4PSC71K
Parameter
Description
Guaranteed (Min/Max)
Test Conditions
VCE (on)
Collector-to-Emitter Saturation Voltage
1.7V Max.
IC = 10A, TJ = 25°C, VGE = 15V
V(BR)CES
Colletor-to-Emitter Breakdown Voltage
600V Min.
TJ = 25°C, ICES = 250µA, VGE = 0V
VGE(th)
Gate Threshold Voltage
3.0V Min., 6.5V Max.
VGE = VCE , TJ =25°C, IC =250µA
ICES
Zero Gate Voltage Collector Current
300 µA Max.
TJ = 25°C, VCE = 600V
IGES
Gate-to-Emitter Leakage Current
± 1.1 µA Max.
TJ = 25°C, VGE = +/- 20V
Electrical Characteristics ( Wafer Form )
E
C
G
600 V
Size 7.1
Ultra-Fast Speed
Circuit Rated Rated
6" Wafer
www.irf.com
PD- 91834A


Similar Part No. - IRG4CC71KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4CC10KB IRF-IRG4CC10KB Datasheet
44Kb / 1P
IRG4CC10KB IGBT Die in Wafer Form
logo
Hittite Microwave Corpo...
IRG4CC50WB HITTITE-IRG4CC50WB Datasheet
35Kb / 1P
IGBT Die in Wafer Form 600 V Size 5 WARP Speed
More results

Similar Description - IRG4CC71KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFC2907B IRF-IRFC2907B Datasheet
18Kb / 1P
HEXFET Power MOSFET Die in Wafer Form
IRFC240 IRF-IRFC240 Datasheet
28Kb / 1P
HEXFET Power MOSFET Die in Wafer Form
IRG4CH40SB IRF-IRG4CH40SB Datasheet
22Kb / 1P
IGBT Die in Wafer Form
HF20A060ACE IRF-HF20A060ACE Datasheet
33Kb / 1P
Hexfred Die in Wafer Form
logo
Hittite Microwave Corpo...
IRG4CC50WB HITTITE-IRG4CC50WB Datasheet
35Kb / 1P
IGBT Die in Wafer Form 600 V Size 5 WARP Speed
logo
InterFET Corporation
HF51A060ACE INTERFET-HF51A060ACE Datasheet
18Kb / 1P
Hexfred Die in Wafer Form
logo
International Rectifier
IRG4CC10KB IRF-IRG4CC10KB Datasheet
44Kb / 1P
IRG4CC10KB IGBT Die in Wafer Form
logo
Silicon Laboratories
CP2400-C-GDI SILABS-CP2400-C-GDI Datasheet
132Kb / 16P
Tested 128 Segment LCD Driver Die in Wafer Form
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
logo
International Rectifier
IRGC4059B IRF-IRGC4059B Datasheet
101Kb / 2P
IRGC4059B IGBT Die in Wafer Form
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com