Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N04HDR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDF3N04HDR2
Description  Power MOSFET 3 Amps, 40 Volts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N04HDR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDF3N04HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MMDF3N04HD
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.2
1.2
2
0
1
3
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.05
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation
with Temperature
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
25
°C
100
°C
4
2
TJ = 25°C
2
4
6
5
1
2
2.5
3
3.5
4
0.08
01
2
5
6
3.1 V
0.06
0.07
3
34
10 V
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 3.4 A
125
75
25
−25
1
5
6
2.9 V
3.3 V
3.5 V
3.7 V
4.1 V
4.5 V
VGS =
10 V
4.3 V
1.5
4.5
0.055
0.065
0.075
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
0
5
10
15
30
20
25
VGS = 0 V
TJ = 125°C
100
°C
0.1
35
40
25
°C
0.4
0.5
0.6
0.3
0.1
0.2
0
23
4
5
8
67
910
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID = 3.4 A
TJ = 25°C
0.4
1.4
0.6
1.6
0.8
1.8
3.9 V
2.7 V
0.085
0.09
0.095
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com