Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM16C02 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 17Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 18Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 19Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 20Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 21Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 22Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 23Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 24Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
60 Operational Modes
61 INITIAL SETUP (RESET) AND CONFIGURATION
In order to set up the IO windows the Function Base Reg-
isters 0 1 and the Function Limit Registers 0 1 must be
loaded These registers are loaded with base address infor-
mation gained from reading the TPCE
IO field within the
Card Configuration Table Entry Tuple (CISTPL
CFTA-
BLE
ENTRY 1Bh) in the CIS (Card Information Structure)
This will allow the system software to configure the windows
and set the IO addresses for each function The software
locates the Configuration Option Registers based on ad-
dress offset values stored in the TPCC
RADR field within
the Configuration Tuple (CISTPL
CONFIG 1Ah) in the
CIS Upon a subsequent readwrite operation from the PC
Card host to the current IO window address
the
PCM16C02 decodes for a match and then passes the ap-
propriate data address and control signals to the appropri-
ate function port Note the Attribute memory CIS is initially
loaded from the EEPROM upon reset
62 RESET CONDITIONS
When the device is reset using the reset pin the following
actions take place First the attribute memory CIS is re-
loaded from the EEPROM The Function Configuration Op-
tion Registers 0 1 are reset to a value of 00 Hex All other
registers are set to their default values
63 INTERRUPT CONTROL
For multi-function operation the PCM16C02 implements a
shared interrupt scheme The PCM16C02 will assert PC
Card IREQ
when either CINT(0) or CINT(1) is asserted If
the Function Configuration Option Register is configured for
pulsed mode interrupts the IREQ
pin will send out a pulse
width of period 16fMCLK(0) During multi-function operation
however level mode interrupts are strongly recommended
The Function Configuration Status Registers indicate which
function initiated the interrupt and interrupts will continue
until the interrupt requests are processed This mode would
be used if both functions are running at the same time (con-
currently)
See the description of the IntrReset bit in the Function Con-
figuration Status Registers 0 1 for a multi-function interrupt
protocol that insures multiple interrupts sharing one IREQ
line are not missed
64 FUNCTIONAL CONCURRENCY
A Dual Function Card may be designed using the
PCM16C02 IC that allows both functions to run concurrent-
ly
65 16-BIT8-BIT OPERATION
During normal operation the PCM16C02 will function as a
16-bit device If 8-bit operation is desired (PC Card Host
accesses are 8-bit) the PCM16C02 will pass the 8-bit trans-
action to the Function With the common memory device
the PCM16C02 will check the Memls8 bit in the Pin Polarity
Register If Memls8 is clear (16-bit memory) the PCM16C02
will strobe MEMWEL
for 8-bit accesses on even address
boundaries and MEMWEH
for 8-bit accesses on odd ad-
dress boundaries A 16-bit access causes both MEMWEL
and MEMWEH
to be strobed If Memls8 is set (8-bit mem-
ory) the PCM16C02 will strobe MEMWEL
for 8-bit PC
Card accesses on odd or even address boundaries For 16-
bit access the PCM16C02 will only obtain one byte of data
by strobing MEMWEL
66 SPECIAL TESTABILITY MODES
National Proprietary TEST(0) pin should be left disconnect-
ed
Software
System or device software can interact with the PCM16C02
IC directly using either the PCM16C02’s PC Card registers
PC Card Extended registers or PCM16C02 specific regis-
ters
CIS (CARD INFORMATION STRUCTURE)
When the PCM16C02 powers on the contents of the
EEPROM are loaded into the device’s shadow RAM This
not only allows attribute memory accesses to the CIS but it
also provides defaults for 9 PCM16C02 specific registers to
be loaded This allows default loading of parameters that
are transparent to system or device software The best use
is for the card manufacturer to determine what values these
should be and program them into the EEPROM when the
CIS is programmed Either system software such as Card
ServicesSocket Services or device software may read and
parse the CIS by accessing attribute memory on the PC
Card If desired this software agent may write to the CIS or
default EEPROM registers and if desired have these new
values saved to the EEPROM The actual contents of the
CIS and the static registers is PC Card design dependent
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com