Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65651-W-R30 Datasheet(PDF) 3 Page - EPCOS

Part # B65651-W-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65651-W-R30 Datasheet(HTML) 3 Page - EPCOS

  B65651-W-R30 Datasheet HTML 1Page - EPCOS B65651-W-R30 Datasheet HTML 2Page - EPCOS B65651-W-R30 Datasheet HTML 3Page - EPCOS B65651-W-R30 Datasheet HTML 4Page - EPCOS B65651-W-R30 Datasheet HTML 5Page - EPCOS B65651-W-R30 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
335 08/01
Coil former
Standard:
to IEC 60133 and DIN 41 294
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Winding:
see “Processing Notes”, page 155
Insulating washer 1 between core and coil former
I For tolerance compensation and for insulation
I Polycarbonate spring washer (UL 94 V-0, insulation class to IEC 60085: E 120 °C), 0,04 mm thick
Insulating washer 2 between core and terminal carrier
I For increased dielectric strength
I Made of polycarbonate (UL 94 V-0, insulation class to IEC 60085: E 120 °C), 0,08 mm thick
Coil former
Insulating washer 1
Insulating washer 2
Coil former
Bestellnummer
Sections
AN
mm2
lN
mm
AR value
µΩ
1
16
35,6
87
B65652-B-T1
2
13
35,6
94
B65652-B-T2
Insulating washer 1 (reel packing, PU = 1 reel)
B65652-A5000
Insulating washer 2 (bulk)
B65652-A5002
FPK0274-7
0,5
7
AN
0,4
7
0,5
0,1
_
0,1
_
B65652
Accessories
P 18
× 11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com