Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT574 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT574
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT574 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT574 Datasheet HTML 1Page - Silicon Supplies 74ACT574 Datasheet HTML 2Page - Silicon Supplies 74ACT574 Datasheet HTML 3Page - Silicon Supplies 74ACT574 Datasheet HTML 4Page - Silicon Supplies 74ACT574 Datasheet HTML 5Page - Silicon Supplies 74ACT574 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
www.siliconsupplies.com
d
Advanced CMOS TTL Input – 74ACT574
Rev 1.0
19/3/2021
1450µm (57.08 mils)
0,0
Logic Diagram
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
OE
0.735
0.100
2
1D
1.050
0.100
3
2D
1.23
0.280
4
3D
1.23
0.470
5
4D
1.23
0.660
6
5D
1.23
0.860
7
6D
1.23
1.050
8
7D
1.23
1.250
9
8D
1.050
1.430
10
GND
0.810
1.430
10
GND
0.660
1.430
11
CLK
0.370
1.430
12
8Q
0.140
1.430
13
7Q
0.100
1.220
14
6Q
0.100
1.040
15
5Q
0.100
0.860
16
4Q
0.100
0.680
17
3Q
0.100
0.500
18
2Q
0.100
0.320
19
1Q
0.140
0.100
20
VCC
0.320
0.100
20
VCC
0.470
0.100
CONNECT CHIP BACK TO VCC OR FLOAT
INPUTS
OUTPUT
OE
CLK
D
Q
L
L
L
H
L,H ↓
X
H
L
X
X
H
L
No Change
Z
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance
X = Don’t care
Truth Table
Pad 10 = GND, Pad 20 = VCC
1
2
3
4
5
6
7
8
9
10
10
11
12
13
14
15
16
17
18
19
20
20
Pad Layout and Functions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com