Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0984 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0984
Description  2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0984 Datasheet(HTML) 2 Page - STMicroelectronics

  STV0984 Datasheet HTML 1Page - STMicroelectronics STV0984 Datasheet HTML 2Page - STMicroelectronics STV0984 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STV0984
2/3
CD00066603
Figure 1.
Application diagram
Figure 2.
Block Diagram
Table 2.
Interface signals
ITU signal
PI
GPIO[13]
WR_N
GPIO[14]
RS_N
GPIO[15]
DREQ
ITU[7:0]
PI[7:0]
HSTYNC
RD_N
VSYNC
CS_N
EXTCLK
XSHUTDOWN
CCP 2.0
CCI
Baseband
or
Application
Processor
STV0984
2.0 Megapixel
SMIA
Processor
SMIA
camera
module 1
SMIA
camera
module 2
CCI
CCP 2.0
EXTCLK
XSHUTDOWN
CCP1.0
ITU / PI
SSDA
SSCL
SCL
SDA
CLKP
CLKN
DATAP
DATAN
RST_DIR
SYS_CLK
SSCL
SSDA
JTAG & Test Interface
CCP
Receiver
STV0984
I2C
slave
Internal bus
I2C
Master
RAM
128KB
HCLKP
HCLKN
HDATAP
HDATAN
POR
Clock &
Power
Mgmt
RAM, ROM,
µprocessor
TMS[1:0]
PDN
(x2)
TCK TDO TDI
ADC_IN
ADC
GPIO
PIEZO
LDO
VDD_1V8,
LDO_EN
LDO_STBY
1V2_OUT
PI
ITU
CCP
1.0
see
Table 2
VCLK
Table 3.
Technical specifications
Technology
0.13 µm HCMOS 9
Sensor
SMIA compliant CMOS sensors
up to 2 MegaPixels
Frame rate
up to 30fps
@ 2MP JPEG + QQVGA
RGB888l
@ VGA YUV422
@ QCIF YUV422+QVGA
RGB888
Still digital zoom
x4 2MP (x4 upscale)
Video/Viewfinder
digital zoom
if single video mode:
x10 VGA; x20 QVGA;
(x4 upscale)
If interleaved video mode:
x8 QVGA RGB565+QCIF
YUV422
Power supply
2.8V, 1.8V (I/O ring), 1.2V core
logic, +/- 0.1V
(Optional 1.2V Internal
regulator from 1.8V)
Power
requirements
2MP JPEG + QQVGA
@ 15fps:
120 mA @1.2V ;
15 mA @ 1.8V
(+5 mA if internal regulator ON)
Standby < 50µW
Package
Rohs compliant (Leadfree)
TFBGA 84 balls 6 x 6 x 1.2 mm
Table 4.
Temperature ranges
Storage
-40 to +150 °C
Operating
-25 to +70 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com