Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14CEC-2301-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 14CEC-2301-R
Description  Space-saving power converter 14-UNIT series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

14CEC-2301-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  14CEC-2301-R Datasheet HTML 1Page - M-System Co.,Ltd. 14CEC-2301-R Datasheet HTML 2Page - M-System Co.,Ltd. 14CEC-2301-R Datasheet HTML 3Page - M-System Co.,Ltd. 14CEC-2301-R Datasheet HTML 4Page - M-System Co.,Ltd. 14CEC-2301-R Datasheet HTML 5Page - M-System Co.,Ltd. 14CEC-2301-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
机型: 14CEC
http://www.m-system.co.jp/
14CEC规格书
CS-4934 Rev.3 Page 1/6
省空间型电量变换器 14-UNIT 系列
交流电流信号变换器
(嵌式传感器输入)
主要的功能与特长
●钳式传感器,无须CT便可进行测量
●钳式传感器一触即合,便于安装
●输入范围广(5~600A)
●输入频率为50/60/400
●传感器内置过压钳制元件,因此输出开放时也很安全
●可进行高密度安装
 
典型应用
●将工厂内发动机等的负载电流转换成标准过程信号输入到
DCS,以便进行集中管理
●通过监测发动机的负载电流的异常值,可检测出各种设备
的故障
50
123
80
(mm)
机型: 14CEC-①②③-④⑤
订货时的指定事项
・机型代码: 14CEC-①②③-④⑤
 ①~⑤在下列代码中选择。
(例如: 14CEC-150A-C/W/Q)
・特殊规格 (例如: /C01)
①传感器
1: 导线型CLSA
2: 螺丝端子型CLSB
②输入信号
05: 0~5A AC
10: 0~10A AC
15: 0~15A AC
20: 0~20A AC
30: 0~30A AC
40: 0~40A AC
50: 0~50A AC
60: 0~60A AC
75: 0~75A AC
100: 0~100A AC
125: 0~125A AC
150: 0~150A AC
175: 0~175A AC
200: 0~200A AC
225: 0~225A AC
250: 0~250A AC
300: 0~300A AC
350: 0~350A AC
400: 0~400A AC
500: 0~500A AC
600: 0~600A AC(不能选择传感器代码1「导线型CLSA」)
③输出信号
◆电流输出
A: 4~20mA DC (负载电阻 600Ω以下)
B: 2~10mA DC (负载电阻 1200Ω以下)
C: 1~5mA DC ((负载电阻 2400Ω以下)
D: 0~20mA DC (负载电阻 600Ω以下)
E: 0~16mA DC (负载电阻 750Ω以下)
F: 0~10mA DC (负载电阻 1200Ω以下)
G: 0~1mA DC (负载电阻 12kΩ以下)
Z: 指定电流范围 (参照「输出规格」之项)
◆电压输出
1: 0~10mV DC (负载电阻 10kΩ以上)
2: 0~100mV DC (负载电阻 100kΩ以上)
3: 0~1V DC (负载电阻 1000Ω以上)
4: 0~10V DC (负载电阻 10kΩ以上)
5: 0~5V DC (负载电阻 5000Ω以上)
6: 1~5V DC (负载电阻 5000Ω以上)
4W: -10~+10V DC (负载电阻 20kΩ以上)
0: 指定电压范围 (参照「输出规格」之项)
④辅助电源
◆交流电源
B: 100V AC
C: 110V AC
D: 115V AC
F: 120V AC
G: 200V AC
H: 220V AC
J: 240V AC
◆直流电源
R: 24V DC
V: 48V DC
P: 110V DC
⑤附加代码 (可指定多项)
◆安装
不写入: DIN导轨安装
/W: 壁面安装


Similar Part No. - 14CEC-2301-R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
14C1.5YCY BELDEN-14C1.5YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 14 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
14C1.5YCY-006100M BELDEN-14C1.5YCY-006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 14 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
14C1.5YCY-006200M BELDEN-14C1.5YCY-006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 14 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
14C1.5YCY-006300M BELDEN-14C1.5YCY-006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 14 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
14C1.5YCY-010100M BELDEN-14C1.5YCY-010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 14 C 1.5 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
More results

Similar Description - 14CEC-2301-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3DY MSYSTEM-M3DY Datasheet
111Kb / 3P
Space-saving Signal Conditioners M3-UNIT Series
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LPA2 MSYSTEM-M3LPA2 Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LR MSYSTEM-M3LR Datasheet
137Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU2 MSYSTEM-M3LU2 Datasheet
156Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com