Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B63399-B4 Datasheet(PDF) 2 Page - EPCOS

Part # B63399-B4
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B4 Datasheet(HTML) 2 Page - EPCOS

  B63399-B4 Datasheet HTML 1Page - EPCOS B63399-B4 Datasheet HTML 2Page - EPCOS B63399-B4 Datasheet HTML 3Page - EPCOS B63399-B4 Datasheet HTML 4Page - EPCOS B63399-B4 Datasheet HTML 5Page - EPCOS B63399-B4 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
334 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,6
25,9
43
—
1 120
0,57
26,6
46,7
33,9
1 240
mm–1
mm
mm2
mm2
mm3
m
6,0
6,6
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T w. threaded sleeve
K1
40
± 3 %
1,60
19
B65651-+40-A1
M33
100
± 3 %
0,60
48
B65651-+100-A33
N48
160
± 2 %
0,32
77
B65651-+160-G48
250
± 3 %
0,20
120
B65651-+250-A48
315
± 3 %
0,15
151
B65651-+315-A48
400
± 3 %
0,10
192
B65651-+400-A48
500
± 3 %
0,07
240
B65651-+500-A48
630
± 5 %
0,05
302
B65651-D630-J48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W w/o center hole
N26
2900 + 30/– 20 % 1380
B65651-D-R26
N30
5900 + 30/– 20 % 2680
B65651-W-R30
T38
12600 + 40/– 30 % 5710
B65651-W-Y38
N87
3600 + 30/– 20 % 1630
2000
< 0,46
(200 mT, 100 kHz, 100 °C)
B65651-W-R87
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65651
Core
P 18
× 11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com