Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17TG-A6-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 17TG-A6-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17TG-A6-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  17TG-A6-R Datasheet HTML 1Page - M-System Co.,Ltd. 17TG-A6-R Datasheet HTML 2Page - M-System Co.,Ltd. 17TG-A6-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 17TG
http://www.m-system.co.jp/
17TG SPECIFICATIONS
ES-2939 Rev.0 Page 1/3
Rack-mounted Power Transducers 17-RACK
TACHOGENERATOR CONVERTER
Functions & Features
• Converting an AC voltage from a tachogenerator
(tachometer) into a standard process signal
• Wide input range
Typical Applications
• Measuring rotating or moving speed of multispeed
motors, belt conveyers, metering pumps
MODEL: 17TG–[1]6-R
ORDERING INFORMATION
• Code number: 17TG-[1]6-R
Specify a code from below for [1].
(e.g. 17TG-16-R)
• Special input range (For code U)
[1] INPUT
Voltage
1: 0 – 35 V AC (Input resistance 200 kΩ min.)
2: 0 – 50 mV AC (Input resistance 200 kΩ min.)
3: 0 – 60 mV AC (Input resistance 200 kΩ min.)
4: 0 – 100 mV AC (Input resistance 200 kΩ min.)
5: 0 – 1 V AC (Input resistance 200 kΩ min.)
6: 0 – 10 V AC (Input resistance 200 kΩ min.)
7: 0 – 100 V AC (Input resistance 200 kΩ min.)
8: 0 – 110 V AC (Input resistance 200 kΩ min.)
9: 0 – 150 V AC (Input resistance 200 kΩ min.)
A: 0 – 200 V AC (Input resistance 200 kΩ min.)
B: 0 – 250 V AC (Input resistance 200 kΩ min.)
U: Specify voltage (See INPUT SPECIFICATIONS)
(0 % input must be 0 V.)
OUTPUT
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection:
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Input: 0 – 250 V AC
Minimum span: 50 mV
Input resistance: 200 kΩ minimum
Frequency: 15 Hz min., 1 kHz max. with 100 % input
INSTALLATION
Current consumption: Approx. 35 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 40 to 85 % RH (non-condensing)
Mounting: Standard Rack 17BXE
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power)
500 V AC @ 1 minute (outut to power)
1500 V AC @ 1 minute (input or output or power to ground)


Similar Part No. - 17TG-A6-R

ManufacturerPart #DatasheetDescription
logo
VECTOR ELECTRONICS AND ...
17T36WE VECTOR-17T36WE Datasheet
1Mb / 1P
Vectorbord®
logo
M-System Co.,Ltd.
17TK MSYSTEM-17TK Datasheet
95Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TK-06-R MSYSTEM-17TK-06-R Datasheet
95Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TK-06-R/BL MSYSTEM-17TK-06-R/BL Datasheet
95Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TK-06-R/BN MSYSTEM-17TK-06-R/BN Datasheet
95Kb / 3P
Rack-mounted Power Transducers 17-RACK
More results

Similar Description - 17TG-A6-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
Rack-mounted Power Transducers 17-RACK
17HZ MSYSTEM-17HZ Datasheet
92Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MK MSYSTEM-17MK Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17MS MSYSTEM-17MS Datasheet
87Kb / 2P
Rack-mounted Power Transducers 17-RACK
17PA MSYSTEM-17PA Datasheet
98Kb / 3P
Rack-mounted Power Transducers 17-RACK
17PE MSYSTEM-17PE Datasheet
89Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RK MSYSTEM-17RK Datasheet
88Kb / 2P
Rack-mounted Power Transducers 17-RACK
17RP MSYSTEM-17RP Datasheet
107Kb / 3P
Rack-mounted Power Transducers 17-RACK
17TS MSYSTEM-17TS Datasheet
94Kb / 3P
Rack-mounted Power Transducers 17-RACK
17WT MSYSTEM-17WT Datasheet
111Kb / 4P
Rack-mounted Power Transducers 17-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com