Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2004-01 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M2004-01
Description  Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-01 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M2004-01 Datasheet HTML 2Page - Integrated Circuit Systems M2004-01 Datasheet HTML 3Page - Integrated Circuit Systems M2004-01 Datasheet HTML 4Page - Integrated Circuit Systems M2004-01 Datasheet HTML 5Page - Integrated Circuit Systems M2004-01 Datasheet HTML 6Page - Integrated Circuit Systems M2004-01 Datasheet HTML 7Page - Integrated Circuit Systems M2004-01 Datasheet HTML 8Page - Integrated Circuit Systems M2004-01 Datasheet HTML 9Page - Integrated Circuit Systems M2004-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-01
Preliminary Specifications
9
Micro Networks
An Integrated Circuit Systems Company
TEST EVALUATION BOARD
J3 9-PIN D
CONNECTOR
Pin
Signal
1MR
3
S_CLOCK
5
S_DATA
7
S_LOAD
9
nP_LOAD
SW1
1
2345678
Position
REF Select
M5
M4
M3
M2
M1
M0
N/C
Off
REF_CLK0
“1”
“0”
“0”
“0”
“0”
“0”
N/C
On
REF_CLK1
“0”
“1”
“1”
“1”
“1”
“1”
N/C
JP1: N0
Logic “1” when installed
JP2: N1
Logic “0” when installed



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com