Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

188XU-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 188XU-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

188XU-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  188XU-R Datasheet HTML 1Page - M-System Co.,Ltd. 188XU-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: 18BXU
http://www.m-system.co.jp/
18BXU SPECIFICATIONS
ES-1898 Rev.0 Page 1/2
Rack-mounted DCS Signal Conditioners 18-RACK
STANDARD RACK
(2 positions)
Functions & Features
• Standard rack for 18-RACK signal conditioners
• Line power supplied via the rear rack bus
MODEL: 18BXU–[1]
ORDERING INFORMATION
• Code number: 18BXU-[1]
Specify a code from below for [1].
(e.g. 18BXU-K)
[1] POWER SUPPLY UNIT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Blank filler plate (model: P-181)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Black Zn-Cr
Capacity: 2 positions
Connection
I/O: M3.5 screw terminals (torque 0.8 N·m)
Power input: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
INSTALLATION
Power input
•AC: 85 – 132 V, 47 – 63 Hz, 15 VA maximum
•DC: 24 V DC ±10 %, (ripple 10 % p-p max.)
Operating temperature: -5 to 55°C (23 to 131°F)
0 to 55°C (32 to 131°F) for AC power
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Angle bracket
Weight: Approx. 1 kg (2.21 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
(I/O to power to FG)
Dielectric strength: 500 V AC @ 1 minute
(I/O to power to FG)


Similar Part No. - 188XU-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
188 GILWAY-188 Datasheet
59Kb / 1P
Subminiature Krypton Lams with Lens(Clear)-End
logo
Tyco Electronics
188 MACOM-188 Datasheet
196Kb / 3P
30 Amp Power Relays
logo
Heyco.
188 HEYCO-188 Datasheet
134Kb / 1P
.187˝ Diameter Ground Pins - Male
logo
TE Connectivity Ltd
188-020 TEC-188-020 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
188-026 TEC-188-026 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results

Similar Description - 188XU-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com