Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18BUA-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18BUA-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BUA-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18BUA-R Datasheet HTML 1Page - M-System Co.,Ltd. 18BUA-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: 18BXUA
http://www.m-system.co.jp/
18BXUA SPECIFICATIONS
ES-1890 Rev.0 Page 2/2
MOUNTING REQUIREMENTS unit: mm (inch)
2−M4
SCREW
ANGLE BRACKET
CONNECTION DIAGRAM
SUPPLY
PRESSURE
1
2
3
5
6
7
8
+
−
Ch.1 OUTPUT 1 or INPUT
−
+
−
Ch.2 OUTPUT 1 or INPUT
FG
−
U(+)
V(−)
POWER
DIMENSIONS unit: mm (inch)
78 (3.07)
94.3 (3.71)
34.5 (1.36)
POWER UNIT
SUPPLY
CONNECTION Rc 1/4
”
AIR MANIFOLD
1
2
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com