Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18JDN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18JDN
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18JDN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18JDN Datasheet HTML 1Page - M-System Co.,Ltd. 18JDN Datasheet HTML 2Page - M-System Co.,Ltd. 18JDN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18JDN
18JDN SPECIFICATIONS
ES-1825 Rev.7 Page 1/3
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18-RACK
CURRENT LOOP SUPPLY
(with square root extractor)
Functions & Features
• Powering a 4 – 20 mA DC current loop
• Shortcircuit protection
• Applicable to smart transmitters
• Usable as Square Root Extractor for 4 – 20 mA DC signals
• Second channel output available at the front terminals
and at the Standard Rack connector
Typical Applications
• Various 2-wire transmitters
MODEL: 18JDN–A66–R
ORDERING INFORMATION
• Code number: 18JDN-A66-R
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
OUTPUT 1
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
OUTPUT 2
Voltage
6: 1 – 5 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Overrange output: 0 – 105 % at 1 – 5 V
Adjustments: Programming Unit (model: PU-2x);
(For settings programable with JXCON, refer to its
instruction manual)
•Zero and span
Low-end cutout: Output is proportional to input when the
output is less than approx. 5 %
INPUT
Approx. 6%
Approx. 5%
0
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 22 mA DC
∙Shortcircuit Protection
Current limited: Approx. 30 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
INSTALLATION
Current consumption: Approx. 85 mA
Operating temperature: -5 to +55°C (23 to 131°F)


Similar Part No. - 18JDN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18JDL MSYSTEM-18JDL Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A066-R MSYSTEM-18JDL-A066-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A166-R MSYSTEM-18JDL-A166-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A266-R MSYSTEM-18JDL-A266-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JDL-A366-R MSYSTEM-18JDL-A366-R Datasheet
131Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18JDN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com