Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18BXEA-U1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 18BXEA-U1-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BXEA-U1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  18BXEA-U1-R Datasheet HTML 1Page - M-System Co.,Ltd. 18BXEA-U1-R Datasheet HTML 2Page - M-System Co.,Ltd. 18BXEA-U1-R Datasheet HTML 3Page - M-System Co.,Ltd. 18BXEA-U1-R Datasheet HTML 4Page - M-System Co.,Ltd. 18BXEA-U1-R Datasheet HTML 5Page - M-System Co.,Ltd. 18BXEA-U1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: 18BXEA
http://www.m-system.co.jp/
18BXEA SPECIFICATIONS
ES-1808 Rev.2 Page 4/6
I/O CONNECTOR PIN ASSIGNMENT
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A 1
ch. 1 +
B 1
ch. 1 –
A 2
ch. 2 +
B 2
ch. 2 –
A 3
ch. 3 +
B 3
ch. 3 –
A 4
ch. 4 +
B 4
ch. 4 –
A 5
ch. 5 +
B 5
ch. 5 –
A 6
ch. 6 +
B 6
ch. 6 –
A 7
ch. 7 +
B 7
ch. 7 –
A 8
ch. 8 +
B 8
ch. 8 –
A 9
ch. 9 +
B 9
ch. 9 –
A10
ch.10 +
B10
ch.10 –
A11
ch.11 +
B11
ch.11 –
A12
ch.12 +
B12
ch.12 –
A13
ch.13 +
B13
ch.13 –
A14
ch.14 +
B14
ch.14 –
A15
ch.15 +
B15
ch.15 –
A16
ch.16 +
B16
ch.16 –
A17 – A20, B17 – B20: Unused
CN1: FCN-364P040-AU
•Fujitsu FCN type I/O connector
Connector pin assignment
The input or output 1 is connected to the connector.
18-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VM1/PM1/VM4 CARD INPUT or OUTPUT
CN3
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
VM2 CARD INPUT NO.
VM2 CARD OUTPUT NO.
3
N
C
3
N
C
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
i
o
i
o
i
o
i
o
i
o
i
o
i
o
i
o
MAC2/PAC CARD I/O (i = input, o = output)
CN1, CN2
•Yokogawa DCS connector
Location
I/O connector: PS-40PE-D4T1-PN1
CN1 : MAC2 / PAC card use*
CN2 : MAC2 / PAC card use* for redundancy
CN3 : VM
❑ / PM1 card use**
The input or output 1 is connected to the connector.
*MAC2 card (uses KS1 cable)
I/O card used for control I/O. Composed of 8 inputs
and 8 outputs. Input and output are paired. (Replace
with pulse inputs for PAC card.)
**VM
❑ / PM1 card (uses KS2 cable)
VM1: analog input 16 points
VM2: analog input 8 points / analog output 8 points
VM4: analog output 16 points
PM1: pulse input 16 points
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
No Connection
19
ch. 8 –
2
No Connection
20
ch. 8 +
3
ch.16 –
21
ch. 7 –
4
ch.16 +
22
ch. 7 +
5
ch.15 –
23
ch. 6 –
6
ch.15 +
24
ch. 6 +
7
ch.14 –
25
ch. 5 –
8
ch.14 +
26
ch. 5 +
9
ch.13 –
27
ch. 4 –
10
ch.13 +
28
ch. 4 +
11
ch.12 –
29
ch. 3 –
12
ch.12 +
30
ch. 3 +
13
ch.11 –
31
ch. 2 –
14
ch.11 +
32
ch. 2 +
15
ch.10 –
33
ch. 1 –
16
ch.10 +
34
ch. 1 +
17
ch. 9 –
18
ch. 9 +
18-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
NIPPON SHOKUBAI DCS LOCATION NO.
• Nippon Shokubai DCS connector
Location
CN1 : HIF3F-34PA-2.54DSA
The input or output 1 is connected to the connector.
Connector Pin Assignment
•Azbil DCS AI connector
I/O cable
: J-RSL / J-RSK
J-RRL / J-RRK
Location
Input connector
: 57GE-40500-751
CN1, CN2
: J-HAM50 / J-HMM00 module use
The output 1 is connected to the connector. The CN1
and CN2 are connected in parallel.
18-RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
AZBIL DCS AI CONNECTOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com