Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18BXE-K4-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18BXE-K4-R
Description  Rack-mounted DCS Signal Conditioners 18-RACK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18BXE-K4-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18BXE-K4-R Datasheet HTML 1Page - M-System Co.,Ltd. 18BXE-K4-R Datasheet HTML 2Page - M-System Co.,Ltd. 18BXE-K4-R Datasheet HTML 3Page - M-System Co.,Ltd. 18BXE-K4-R Datasheet HTML 4Page - M-System Co.,Ltd. 18BXE-K4-R Datasheet HTML 5Page - M-System Co.,Ltd. 18BXE-K4-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: 18BXE
http://www.m-system.co.jp/
18BXE SPECIFICATIONS
ES-1806 Rev.9 Page 1/6
Rack-mounted DCS Signal Conditioners 18-RACK
STANDARD RACK
Functions & Features
• Standard 19" rack for 18-RACK signal conditioners
• Line power supplied via the rear rack bus
• Dual-redundant power supply or two independent power
sources selectable with AC power supply
• Direct interface to various DCS with the rack connector
MODEL: 18BXE–[1]-[2][3]
ORDERING INFORMATION
• Code number: 18BXE-[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. 18BXE-Y0-K2/M)
[1] CONNECTOR
0: None
U1: Fujitsu FCN type I/O connector
Y0: Yokogawa DCS connector
N1: Nippon Shokubai DCS connector
K1: Azbil DCS AI connector
K2: Azbil DCS AO connector
K3: Azbil DCS AI connector (ELCO connector)
K4: Azbil DCS AO connector (ELCO connector)
E1: Toshiba DCS SAMP1 card use
E2: Toshiba DCS SAOP1 card use
E3: Toshiba DCS SAIN1 card use
(Panasonic AXM220001 used)
(DISCONTINUED; replace with code "E3A".)
E3A: Toshiba DCS SAIN1 card supported
(Omron XG4A-2031 used)
M-System guarantees the connecting section.
[2] POWER SUPPLY UNIT
AC Power
K: 85 – 132 V AC; single power source
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
K2: 85 – 132 V AC; dual-redundant power supply
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
KK: 85 – 132 V AC; two independent power sources
(Operational voltage range 85 – 132 V, 47 – 63 Hz)
L: 170 – 264 V AC; single power source
(Operational voltage range 170 – 264 V, 47 – 63 Hz)
L2: 170 – 264 V AC; dual-redundant power supply
(Operational voltage range 170 – 264 V, 47 - 63 Hz)
DC Power
R: 24 V DC; no power supply unit
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
AC/DC Power
KR: 85 – 132 V AC / 24 V DC; two independent power sources
(85 – 132 V, 47 – 63 Hz or 24V ±10 %, ripple 10 %p-p max.)
(Redundant or independent power sources are
recommended for long time use without interruption.)
[3] OPTIONS
Mounting Bracket
blank: Rack mounting, standard
/M: Center mounting
/W: Surface mounting
RELATED PRODUCTS
• Blank filler plate (model: P-181)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Colored Zn-Cr
Capacity: 16 positions
Connection
Power input: M4 screw terminals (torque 0.8 N·m)
Power alarm output: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated brass
Power alarm output: N.C. contact turns off at power failure
or failure of power units. Supplied only with dual-redundant
power supply or two independent power sources
Power RUN LED: Light turns on in normal conditions
(supplied only with dual-redundant power supply or two
independent power sources)
OUTPUT SPECIFICATIONS
■ Alarm Output
Rated load: 250 V AC @ 3 A (cos ø = 1)
30 V DC @ 3 A (resistive load)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 750 VA, 90 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: ≥ 5 × 107 cycles


Similar Part No. - 18BXE-K4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18BXEA MSYSTEM-18BXEA Datasheet
237Kb / 6P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXEA-0-K MSYSTEM-18BXEA-0-K Datasheet
237Kb / 6P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXEA-0-K/M MSYSTEM-18BXEA-0-K/M Datasheet
237Kb / 6P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXEA-0-K/W MSYSTEM-18BXEA-0-K/W Datasheet
237Kb / 6P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXEA-0-K2 MSYSTEM-18BXEA-0-K2 Datasheet
237Kb / 6P
Rack-mounted DCS Signal Conditioners 18-RACK
More results

Similar Description - 18BXE-K4-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18APT MSYSTEM-18APT Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18BX MSYSTEM-18BX Datasheet
116Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18BXCS MSYSTEM-18BXCS Datasheet
140Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18HZ MSYSTEM-18HZ Datasheet
95Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JF MSYSTEM-18JF Datasheet
104Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18JM MSYSTEM-18JM Datasheet
94Kb / 3P
Rack-mounted DCS Signal Conditioners 18-RACK
18MK MSYSTEM-18MK Datasheet
90Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18PV MSYSTEM-18PV Datasheet
89Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
18TS MSYSTEM-18TS Datasheet
100Kb / 4P
Rack-mounted DCS Signal Conditioners 18-RACK
18YCH MSYSTEM-18YCH Datasheet
93Kb / 2P
Rack-mounted DCS Signal Conditioners 18-RACK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com