Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6325AXSC4B-2.9 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6325AXSC4B-2.9
Description  Reset Circuit with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6325AXSC4B-2.9 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6325AXSC4B-2.9 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6325AXSC4B-2.9 Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EM6325
Copyright
© 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Electrical Characteristics (continued)
Unless otherwise specified: VDD= 0.9V to 5.5V, TA=-40°C to +125° C (note 1).
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
EM6325C
155
200
224
EM6325A
0.7
1.6
3.8
EM6325B
19.4
25
28
Reset timeout period
tPOR
(note 2 and 4)
VDD from 0V to VTH (typ)+15%
TA= +25°C
EM6325D
1240
1600
1792
ms
Propagation delay time
VDD to RESET (RESET) delay
tP
VDD drops from VTH (typ)+0.2V to VTH (typ)-0.2V
(note 2). TA= +25°C
2
130
255
μs
VDD>1V
IOL=100μA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
Open-drain RESET output
Voltage
VOL
VDD>5V
IOL=3mA
-
-
0.35
V
VDD>1V
IOL=100μA
-
-
0.3
VDD>2.5V
IOL=1.5mA
-
-
0.3
VOL
VDD>5V
IOL=3mA
-
-
0.35
VDD>1V
IOH=-30μA
0.8
-
-
VDD>2.5V
IOH=-1.5mA
2
-
-
Push-pull RESET / RESET
Output voltage
VOH
VDD>5V
IOH=-3mA
4
-
-
V
Output leakage current
ILEAK
Only for EM6325_Y (open-drain)
-
-
0.5
μA
MANUAL RESET (
MR )
MR Input low
VMRT low
0.3•VDD
V
MR Input high
VMRT high
0.7•VDD
V
MR to Reset delay
tMD
0.3
μs
Pulse width at MR (note 5)
tPMD
TA= +25°C
1
μs
MR Internal Pull-up resistor
RMR
TA=-40°C to +125°C
4.8
15
31
k
Ω
Note 1:
Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
Note 2: RESET (RESET)
open.
Note 4:
Standard version for tPOR is 200ms (typ), available at all times. Other option (1.6ms, 25ms, 1600ms) are available
by mask option and upon minimum order quantity. Please contact EM sales.
Note 5:
Pulse width must be greater than 1
μs to ensure the RESET (RESET) to go active.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com