Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17C724EP Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC17C724EP
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724EP Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC17C724EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17C724
TYPICAL APPLICATIONS
FUNCTIONAL TERMINAL DESCRIPTION
TYPICAL APPLICATIONS
Figure 6 shows a typical application for the 17C724.
Figure 6. 17C724 Typical Application Diagram
CEMF SNUBBING TECHNIQUES
Care must be taken to protect the IC from potentially
damaging CEMF spikes induced when commutating currents
in inductive loads. Typical practice is to provide snubbing of
voltage transients by placing a zener or capacitor at the
supply terminal (VM) (see Figure 7).
Figure 7. CEMF Snubbing Techniques
PCB LAYOUT
When designing the printed circuit board (PCB), connect
sufficient capacitance between power supply and ground
terminals to ensure proper filtering from transients. For all
high-current paths, use wide copper traces and shortest
possible distance.
APPLICATION NOTES
Although VM1 and VM2 are connected internally, they
must be connected externally to attain sufficient power
distribution.
Take precautions to guard against electrostatic discharge
when handling the device, especially when mounting and
demounting the device to a PCB.
MCU
17C724
3.0 V
GND
IN1B
IN2A
IN2B
PSAVE
VM
OUT1B
OUT2B
OUT1A
IN1A
OUT2A
VDD
17C724
3.0 V
3.0 V
GND
VM
VDD
OUT
OUT
OUT
OUT
17C724
3.0 V
3.0 V
GND
VM
VDD
OUT
OUT
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com