Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17C724R2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC17C724R2
Description  0.4 A Dual H-Bridge Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724R2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC17C724R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
17C724
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage (Motor Driver)
Normal Operation (Steady-State)
Transient Conditions (3)
VM(SS)
VM(PK)
-0.3 to 6.0
-0.3 to 6.5
V
Logic Supply Voltage
VDD
6.0
V
Input Terminal Voltage
VIN
-0.3 to VDD + 0.3
V
Driver Output Current (Continuous) (4)
IO
400
mA
Driver Output Current (Peak) (5)
IOPK
800
mA
ESD Voltage (6)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
TEMPERATURE RATINGS
Storage Temperature
TSTG
-40 to 150
°C
Operating Temperature
Ambient
TA
-20 to 85
°C
Operating Junction Temperature
TJ
150 maximum
°C
Thermal Resistance (Junction-to-Ambient)
Single-Layer PCB Mounting (8)
Multi-Layer PCB (2S2P) Mounting (9)
RθJA
RθJMA
169
47
°C/W
Terminal Soldering Temperature (7)
TSOLDER
260
°C
Notes
3.
Transient condition within 500 ms.
4.
Continuous output current must not be exceeded and at operating junction temperature below 150
°C.
5.
Peak time is for 10 ms pulse width at 200 ms intervals.
6.
ESD testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω), and the Machine Model
(CZAP=200 pF, RZAP=0 Ω).
7.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits
may cause malfunction or permanent damage to the device.
8.
For cases using SEMI G38-87, JEDEC JESD51-2, JESD51-3, JESD51-5, single layer PCB mounting without thermal vias.
9.
For cases using SEMI JEDEC JESD51-6, JESD51-5, JESD51-7, 2S2P PCB mounting with 4 thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com