Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5TS-2D1-R2/K Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W5TS-2D1-R2/K
Description  Terminal Block Dual Output Signal Conditioners W5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W5TS-2D1-R2/K Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W5TS-2D1-R2/K Datasheet HTML 1Page - M-System Co.,Ltd. W5TS-2D1-R2/K Datasheet HTML 2Page - M-System Co.,Ltd. W5TS-2D1-R2/K Datasheet HTML 3Page - M-System Co.,Ltd. W5TS-2D1-R2/K Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: W5TS
W5TS SPECIFICATIONS
ES-8512 Rev.8 Page 3/4
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL DIMENSIONS unit: mm (inch)
5
4
3
2
1
11
10
9
8
7
6
45 (1.77)
41 (1.61)
[3.3 (.13)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide
5–M3.5 SCREW
7.4 (.29)
6–M3 SCREW
6 (.24)
TERMINAL ASSIGNMENTS unit: mm (inch)
5
4
2
1
11
10
9
8
7
6
3
CJC SENSOR
(model: CJM)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com