Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNA08R080ML-TN3-R Datasheet(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UNA08R080ML-TN3-R
Description  N-Channel MOSFET uses advanced SGT technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UNA08R080ML-TN3-R Datasheet(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UNA08R080ML-TN3-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UNA08R080ML-TN3-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UNA08R080ML-TN3-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UNA08R080ML-TN3-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.doingter.cn
—
4 —
Figure 5, Drain-source breakdown voltage
Figure 6, Drain-source on-state resistance
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
T
j = 25 ℃
V
SD, Source-Drain voltage (V)
50
100
150
200
250
300
5.5
14.5
23.5
32.5
41.5
50.5
7 V 10 V
6 V
6 V
5 V
4.5 V
4 V
V
GS=3.5 V
I
D, Drain current(A)
Figure 7, Forward characteristic of body diode
Figure 8, Drain-source on-state resistance
0.1
1
10
100
0.1
1
10
100
1000
V
DS, Drain-source voltage(V)
10 μs
DC
10 ms
1 ms
100 μs
R
DS(ON) Limited
Figure 9, Safe operation area TC=25 ℃
-50
0
50
100
150
70
80
90
100
110
120
T
j, Junction Temperature (℃)
I
D = 250 μA
V
GS = 0 V
-50
0
50
100
150
0
5
10
15
20
I
D = 12 A
V
GS = 10 V
T
j, Junction Temperature (℃)
UNA08R080ML-TN3-R
0086-0755-8278-9056



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com