Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP2790G-S08-R Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UP2790G-S08-R
Description  P-Chanel and N-Channel MOSFET use advanced trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UP2790G-S08-R Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UP2790G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP2790G-S08-R Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.doingter.cn
—
3 —
P-CH Electrical Characteristics:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
-30
-33
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=-30V
---
---
-1
μA
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±100
nA
On Characteristics
3
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=-250μA
-1.5
-1.9
-2.5
V
RDS(ON)
Drain-Source On Resistance
VGS=-10V,ID=-6.5A
---
28
33
mΩ
GFS
Forward Transconductance
VDS=-5V, ID=-6.5A
10
---
---
S
Dynamic Characteristics
4
Ciss
Input Capacitance
VDS=-15V, VGS=0V, f=1MHz
---
520
---
pF
Coss
Output Capacitance
---
100
---
Crss
Reverse Transfer Capacitance
---
65
---
Switching Characteristics
4
td(on)
Turn-On Delay Time
VDD=-15V, RL=2.3Ω
VGS=-10V,RGEN=6Ω
---
7.5
---
ns
tr
Rise Time
---
5.5
---
ns
td(off)
Turn-Off Delay Time
---
19
---
ns
tf
Fall Time
---
7
---
ns
Qg
Total Gate Charge
VDS=-15V,ID=-6.5A
VGS=-10V
---
9.2
---
nC
Qgs
Gate-Source
Charge
---
1.6
---
nC
Qgd
Gate-Drain “Miller” Charge
---
2.2
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=6A
---
---
-1.2
V
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
UP2790G-S08-R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com