Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9972L-TN3-R Datasheet(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UP9972L-TN3-R
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UP9972L-TN3-R Datasheet(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UP9972L-TN3-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP9972L-TN3-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP9972L-TN3-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UP9972L-TN3-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.doingter.cn
—
4 —
Figure 7: Normalized Breakdown Voltage vs.
Junction Temperature
0.5
1.0
1.5
2.0
2.5
RDS
Figure 8: Normalized on Resistance vs.
Junction Temperature
Tj ( )
℃
1
10
VDS (V)
ID(A
)
0.1
1
10
100
0.1
Figure 9: Maximum Safe Operating Area
0
25
50
75
100
125
150
175
0
Figure 10: Maximum Continuous Drain Current
vs. Case Temperature
Tc ( )
℃
ID(A
)
0
1.0
1.3
Tj ( )
℃
VBR(DSS) (V)
-100
-50
0
50
100
150
200
0.9
1.1
1.2
-100
-50
0
50
100
150
200
100
10μs
100μs
1ms
10ms
100ms
DC
Limited by RDS(on)
TC=25
℃
Single pulse
20
10-6
10 -5
10 -4
10 -3
10 -2 10 -1
10 0
10 1
10-2
Figure.11: Maximum Effective
Transient Thermal Impedance, Junction-to-Case
TP(s)
ZthJ-C(
℃/W)
t1
t2
10-1
100
101
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
Notes:
1.Duty factor D=t1/t2
2.Peak T J=PDM thJC+TC
10-3
10
1000
40
30
60
50
UP9972L-TN3-R
0086-0755-8278-9056



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com