Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 18KBXH
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  18KBXH Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 3Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 4Page - M-System Co.,Ltd. 18KBXH Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 18KBXH
http://www.m-system.co.jp/
18KBXH SPECIFICATIONS
ES-0493 Rev.1 Page 2/5
MOUNTING REQUIREMENTS unit: mm (inch)
255 (10.04)
273 (10.75)
4−M5
ANGLE BRACKET
Note: Leave an appropriate amount of space above/below
the rack for wiring.
*100 (3.94) for JIS standard
*
CONNECTION DIAGRAM
1
2
FG
3
CN1
CN2
+
−
POWER
Note : CN1 and CN2 are not provided without connector.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com