Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KBXW Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KBXW
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KBXW Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KBXW Datasheet HTML 1Page - M-System Co.,Ltd. 18KBXW Datasheet HTML 2Page - M-System Co.,Ltd. 18KBXW Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 18KBXW
http://www.m-system.co.jp/
18KBXW SPECIFICATIONS
ES-0490 Rev.0 Page 1/3
Rack-mounted DCS Signal Conditioners 18K-RACK
STANDARD RACK
Functions & Features
• Housing for storage of Rack-mounted DCS Signal
Conditioners 18K-RACK
• Integrated rack and field connectors allow for signal
conditioners to be removed without touching the terminal
screws, making field wiring insulation tests possible
• Can also be used for 18-RACK storage
• Signal conditioner power supply is for all 16 units
• Connectors are available for direct connection to
Yokogawa Electric DCS units
MODEL: 18KBXW–[1]
ORDERING INFORMATION
• Code number: 18KBXW-[1]
Specify a code from below for [1].
(e.g. 18KBXW-Y1)
[1] CONNECTOR
Y1: Yokogawa DCS MAC2 / PAC card use
Y2: Yokogawa DCS VMx / PM1 card use
RELATED PRODUCTS
• Blank filler plate (model: P-181)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Colored Zn-Cr
Capacity: 16 positions
Connection
Power: M4 screw terminals (torque: 0.8 N·m)
Field connector: Japan Solderless Terminal MFG.Co.Ltd
B04B-XASK-1-A
Screw terminal: Nickel-plated brass
Isolation: I/O connector to field connector to power to FG
INSTALLATION
Power input
•DC: Operating voltage range 24 V DC ±10 %, 2.5 A
minimum (ripple 10 % p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Mount to module inserts of Yokogawa Electric
racks (models: CNC, CNM) (perforation required)
Weight: Approx. 2.5 kg (5.51 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @1 minute
(I/O connector to field connector to power)
1000 V AC @1 minute
(I/O connector or field connector or power to FG)


Similar Part No. - 18KBXW

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXC MSYSTEM-18KBXC Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0 MSYSTEM-18KBXC-0 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-0/W MSYSTEM-18KBXC-0/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4 MSYSTEM-18KBXC-E4 Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXC-E4/W MSYSTEM-18KBXC-E4/W Datasheet
205Kb / 6P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KBXW

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDYH2 MSYSTEM-18KDYH2 Datasheet
133Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com