Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KDYH2-A6A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 18KDYH2-A6A-R
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KDYH2-A6A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  18KDYH2-A6A-R Datasheet HTML 1Page - M-System Co.,Ltd. 18KDYH2-A6A-R Datasheet HTML 2Page - M-System Co.,Ltd. 18KDYH2-A6A-R Datasheet HTML 3Page - M-System Co.,Ltd. 18KDYH2-A6A-R Datasheet HTML 4Page - M-System Co.,Ltd. 18KDYH2-A6A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: 18KDYH2
18KDYH2 SPECIFICATIONS
ES-0430 Rev.3 Page 5/5
http://www.m-system.co.jp/
■OUTPUT CODE: A6, AA
2-WIRE
XMTR
250Ω
INPUT
3
2
1
+
−
Note 1: Use either of module or external field terminals.
Note 2: For OUTPUT 2, use either of terminals on the front or connector on the rear.
*1. Hand-held communicator
*2. Included with option /B
■ When used as Isolator
■ When used as DC Supply
Section A. Field Terminals
2
1
3
−
+
+
–
1
5
6
DC Isolation
HART Isolation
4
3
2
OUTPUT 2
+
−
7
8
24 V DC
Supply
*2
Opencircuit
Detector
250Ω
Output
Driver
S
Z
Output
Driver
S
Z
Amplifier
OUTPUT 2
OUTPUT 1
POWER
*1
HHC
*1
HHC
+
+
Module
Field Terminals
(Section A)
External
Field Terminals
(Section A)
(HHC *1)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com