Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18KDYH2-AA6-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 18KDYH2-AA6-R
Description  Rack-mounted DCS Signal Conditioners 18K-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

18KDYH2-AA6-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  18KDYH2-AA6-R Datasheet HTML 1Page - M-System Co.,Ltd. 18KDYH2-AA6-R Datasheet HTML 2Page - M-System Co.,Ltd. 18KDYH2-AA6-R Datasheet HTML 3Page - M-System Co.,Ltd. 18KDYH2-AA6-R Datasheet HTML 4Page - M-System Co.,Ltd. 18KDYH2-AA6-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 18KDYH2
18KDYH2 SPECIFICATIONS
ES-0430 Rev.3 Page 1/5
http://www.m-system.co.jp/
Rack-mounted DCS Signal Conditioners 18K-RACK
CURRENT LOOP SUPPLY
(applicable to HART signal, opencircuit detection selectable)
Functions & Features
• Powers a 4 – 20 mA DC current loop
• Isolates and relays HART signals
• Shortcircuit protection
• Opencircuit detection selectable
• Module can be retracted without removing wiring for an
insulation test
Typical Applications
• 2-wire HART transmitters
MODEL: 18KDYH2–A[1]–R[2]
ORDERING INFORMATION
• Code number: 18KDYH2-A[1]-R[2]
Specify a code from below for each of [1] and [2].
(e.g. 18KDYH2-A6A-R/B/RE)
INPUT
Current
A: 4 - 20 mA DC (Input resistance approx. 250Ω)
[1] OUTPUT 1 / OUTPUT 2
6A: 1 – 5 V DC (Load resistance 2000 Ω min.)
/ 4 – 20 mA DC (Applicable to HART signal, load resistance 600 Ω max.)*
A6: 4 – 20 mA DC (Applicable to HART signal, load resistance 600 Ω max.)*
/ 1 – 5 V DC (Load resistance 2000 Ω min.)
AA: 4 – 20 mA DC (Applicable to HART signal, load resistance 600 Ω max.)*
/ 4 – 20 mA DC (Load resistance 500 Ω max.)
* 250 Ω ±10% for HART communication
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Opencircuit detection
blank: none
/B: Opencircuit detector (Only for HART signal)
Connector output polarity reversal
blank: none
/RE: Connector output polarity reversal (Only for HART signal)
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals on the front and connector on the rear; terminal
cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
and connector
Output 1: Connector
Output 2: M3.5 screw terminals (torque 0.8 N·m)
and connector
Power input: Supplied from connector
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +110 %
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Open-circuit detection: This function enables the input
device to detect open circuit of output circuit isolated from
the input circuit.
Input current 0 mA when the output loop is open.
Photo MOSFET Relay ON Resistance; 3 Ω max.
SUPPLY OUTPUT
(across the terminals 1 – 2)
Output voltage: 24 – 28 V DC with no load
18 V DC at 20 mA
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Input current: ≥ 0 mA
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
Polarity of connector output is reversed with option code
/RE (with connector output polarity reversal).


Similar Part No. - 18KDYH2-AA6-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY-A66-R MSYSTEM-18KDY-A66-R Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY-A66-R/S MSYSTEM-18KDY-A66-R/S Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY-A66-R/SL MSYSTEM-18KDY-A66-R/SL Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY-A6A-R MSYSTEM-18KDY-A6A-R Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results

Similar Description - 18KDYH2-AA6-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
18KBXCA MSYSTEM-18KBXCA Datasheet
154Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KBXH MSYSTEM-18KBXH Datasheet
150Kb / 5P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KDY MSYSTEM-18KDY Datasheet
115Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJDL MSYSTEM-18KJDL Datasheet
144Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJR MSYSTEM-18KJR Datasheet
108Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KJT MSYSTEM-18KJT Datasheet
99Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KTS MSYSTEM-18KTS Datasheet
101Kb / 4P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYCH MSYSTEM-18KYCH Datasheet
108Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYS MSYSTEM-18KYS Datasheet
105Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
18KYV MSYSTEM-18KYV Datasheet
93Kb / 3P
Rack-mounted DCS Signal Conditioners 18K-RACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com