Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4232G-S08-R Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UT4232G-S08-R
Description  Dual N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UT4232G-S08-R Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UT4232G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4232G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4232G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4232G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
This Dual N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
Features:
1) VDS=30V,ID=7A,RDS(ON)<23mΩ@VGS=10V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current-
7
A
Continuous Drain Current-TC=100℃
5.2
Pulsed Drain Current
33
EAS
Single Pulse Avalanche Energy
32
mJ
PD
Power Dissipation
2.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJL
Maximum Junction-to-Lead
---
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
---
G2
D1
D1
D2
D2
S1
G1
S2
UT4232G-S08-R


Similar Part No. - UT4232G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4232G-S08-R UTC-UT4232G-S08-R Datasheet
150Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UT4232G-S08-R UTC-UT4232G-S08-R Datasheet
162Kb / 3P
N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - UT4232G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AP9965GEM DOINGTER-AP9965GEM Datasheet
552Kb / 4P
Dual N-Channel MOSFET uses advanced trench technology
DTM4936 DOINGTER-DTM4936 Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
HAT2057RA DOINGTER-HAT2057RA Datasheet
2Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
QM3208S DOINGTER-QM3208S Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
SI4286DY DOINGTER-SI4286DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
SSG4942N DOINGTER-SSG4942N Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6914 DOINGTER-STM6914 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6920A DOINGTER-STM6920A Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STS2DNF30L DOINGTER-STS2DNF30L Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
TPC8227-H DOINGTER-TPC8227-H Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com