Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4450G-S08-R Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UT4450G-S08-R
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UT4450G-S08-R Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UT4450G-S08-R Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4450G-S08-R Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4450G-S08-R Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UT4450G-S08-R Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
—
2 —
Electrical Characteristics:(T
C=25℃
unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Dra i n-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
40
---
---
V
△BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ ,
ID=1mA
---
0.04
---
V/℃
IDSS
Dra i n-Source Leakage Current
VDS=40V , VGS=0V ,
TJ=25℃
---
---
1
uA
VDS=32V , VGS=0V ,
TJ=125℃
---
---
10
uA
IGSS
Ga te-Source Leakage Current
VGS=±20V, VDS=0V
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Vol tage
VGS=VDS, ID=250μA
1
1.8
2.5
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-3
---
mV/℃
RDS(ON)
Sta ti c Drain-Source On Resistance
VGS=10V,ID=5A
---
24
32
mΩ
VGS=4.5V,ID=3A
---
32
45
GFS
Forwa rd Tra nsconductance
VDS=10V, ID=10A
---
18
---
S
Dynamic Characteristics
4
Ciss
Input Ca pacitance
VDS=15V, VGS=0V, f=1MHz
---
420
800
pF
Coss
Output Ca pacitance
---
65
120
Crss
Reverse Tra nsfer Ca pacitance
---
40
80
Switching Characteristics
td(on)
Turn-On Delay Ti me
2,3
VDD=20V, ID=1A,
RGEN=25Ω, VGS=4.5V
---
3.2
6
ns
tr
Ri s e Time
2,3
---
8.6
16
ns
td(off)
Turn-Off Delay Ti me
2,3
---
18
36
ns
tf
Fa ll Ti me
2,3
---
6
12
ns
UT4450G-S08-R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com